Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 88 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9546 Datasheet HTML 84Page - Analog Devices AD9546 Datasheet HTML 85Page - Analog Devices AD9546 Datasheet HTML 86Page - Analog Devices AD9546 Datasheet HTML 87Page - Analog Devices AD9546 Datasheet HTML 88Page - Analog Devices AD9546 Datasheet HTML 89Page - Analog Devices AD9546 Datasheet HTML 90Page - Analog Devices AD9546 Datasheet HTML 91Page - Analog Devices AD9546 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 88 of 205
MODULATED CYCLES AND MODULATION EVENTS
The reference demodulator detects the arrival of modulated
carrier cycles. A modulated cycle spans one period of the input
reference clock (tCARRIER) and consists of a predefined phase
deviation relative to the expected falling edge of the input clock.
The definition of a modulated cycle is when the duration of the
second half of a carrier cycle is lengthened or shortened by
some period of time, Δt (see Figure 63). In general, Δt is
constant for a given application and defines the modulation
depth, where the magnitude of the modulation depth is always
less than ½.
CARRIER
t
Modulation Depth
t
∆
=
The reference demodulator uses two modulated cycles to
identify a modulation event, although the second modulated
cycle can be unmodulated in the case of unbalanced
modulation (see Figure 63).
The demodulator performs no type of error detection on the
modulated carrier cycles.
BALANCED AND UNBALANCED MODULATION
The demodulator recognizes two types of modulation events:
unbalanced and balanced. Figure 63 shows generalized
examples of the modulation event types and their polarity.
Unbalanced modulation occurs when the second modulated
cycle of a modulation event is unmodulated. Note that
unbalanced modulation only modulates the first modulated
cycle of a modulation event. Therefore, an unbalanced
modulation event shifts the dc offset of the carrier signal
(relative to an unmodulated carrier).
Balanced modulation occurs when the second modulated cycle
of a modulation event has the opposite polarity modulation of
the first modulation event. For example, when the first
modulation event has a period deviation of +Δt, then the
second modulation event must have a period of –Δt (or vice
versa). Because balanced modulation modulates the first and
second modulated cycles of a modulation event in opposite
fashion, balanced modulation events do not shift the dc balance
of the carrier signal.
The first modulated cycle in a modulation event determines the
polarity of the modulation event. A modulated cycle of –Δt
equates to Logic 0, whereas a modulated cycle of +Δt equates to
Logic 1.
ENABLING A DEMODULATOR
To enable a specific demodulator, use Bit 3 of Register M per
the register legend in Figure 62. Logic 0 (default) disables the
demodulator and holds it in a reset state. Logic 1 enables the
demodulator to detect modulation events.
MODULATION POLARITY DETECTION
When Bit 7 = 1 of Register M per the register legend in Figure 62,
the demodulator must automatically determine the polarity of
the first modulated cycle of a modulation event (see Figure 63).
However, the autodetect feature reduces the overall sensitivity
of the demodulator.
The reference demodulator is most sensitive when it is aware of
the modulation polarity in advance. The user can take
advantage of the maximum sensitivity of the demodulator by
programming Bit 2 in Register M per the register legend in
Figure 62 (assuming Bit 7 = 0 in Register M per the register
legend in Figure 62). The value of Bit 2 indicates the expected
polarity of Δt in the first modulated cycle of a modulation event
(see Figure 63). Logic 0 (default) indicates negative Δt, and
Logic 1 indicates positive Δt.
–Δt
MODULATION EVENT
MODULATED CYCLE
UNBALANCED
MODULATION
(LOGIC 1)
BALANCED
MODULATION
(LOGIC 0)
BALANCED
MODULATION
(LOGIC 1)
50%
DC SHIFT
UNMODULATED
CYCLE
NO DC
SHIFT
tCARRIER
UNBALANCED
MODULATION
(LOGIC 0)
50%
50%
50%
NO DC
SHIFT
DC SHIFT
+Δt
–Δt
+Δt
+Δt
–Δt
tCARRIER
2 × tCARRIER
Figure 63. Modulation Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com