Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9546 Datasheet HTML 59Page - Analog Devices AD9546 Datasheet HTML 60Page - Analog Devices AD9546 Datasheet HTML 61Page - Analog Devices AD9546 Datasheet HTML 62Page - Analog Devices AD9546 Datasheet HTML 63Page - Analog Devices AD9546 Datasheet HTML 64Page - Analog Devices AD9546 Datasheet HTML 65Page - Analog Devices AD9546 Datasheet HTML 66Page - Analog Devices AD9546 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 63 of 205
For example, to set latency detection value to 1 ms (10−3 sec),
first convert to the appropriate units and round the result to the
nearest integer as follows:
10−3 × 216 = 66
This value in 16-bit hexadecimal format is: 0x 0042.
SYNCHRONIZATION SLEW LIMITER
A typical digitized clocking system sometimes experiences the
injection of a relatively large phase adjustment as part of the
common clock synchronization process. An example is the
injection of a phase jump due to switching between two CCRs
having a static phase offset (see the Common Clock Reference
Switchover section). Another example is a phase jump due to
the injection of a phase adjustment to compensate for round
trip delay in a clock signal path (see the Analog Clock
Loopback section). Phase adjustments constitute instantaneous
phase jumps, which equate to frequency impulses. The
frequency impulses transfer to the common time scale via the
action of the CCS.
To mitigate the frequency impulses resulting from phase
adjustments, the CCS provides a slew limiter following the
synchronization offset refinement block (see Figure 51). The
slew limiter converts large phase jumps (frequency impulses) to
a constant phase slope (which equates to a constant frequency
offset). Thus, the action of the slew limiter puts a user defined
upper bound on the frequency deviation associated with a
phase adjustment. Because the slew limiter is physically situated
at the output of the CCS (see Figure 51), it effectively limits the
magnitude of the frequency offset injected on the common time
scale as the result of a phase adjustment.
The user activates the slew limiter by writing a nonzero value to
the 24-bit unsigned slew limit value in Register 0x0D34 to
Register 0x0D36 in units of 2−36 sec/sec. For example, to
constrain the frequency deviation on the common time scale to
a maximum of 0.15 ppm (1.5 × 10−7), first convert to the
appropriate units and round the result to the nearest integer as
follows:
1.5 × 10−7 × 236 = 10,308
This value in 24-bit hexadecimal format is: 0x 00 2844.
When the user programs a new slew limit value, the slew
limiter stalls briefly while implementing the slew limit value
change. From an application perspective, the stalling behavior
is inconsequential.
The user can bypass the slew limiter at any time by
programming a slew limit value of zero. The slew limiter
automatically bypasses for the initial application of a
synchronization offset value. However, subsequent
synchronization offset values are subject to slew limiting
(assuming the user programs a nonzero slew limit value).
The status of the slew limiter is available via several mechanisms.
Bit 6 of Register 0x0D40 is Logic 1 when the slew limiter is
actively slewing and Logic 0 when it is not slewing. The status
of the slew limiter is also available via an appropriately
configured Mx status pin (see the Status and Control Pins
section). In addition, slew limiter status is available as part of
the IRQ mechanism (see the Interrupt Request (IRQ) section)
via Bit 2 and Bit 3 of Register 0x301D, which indicate when the
slew limiter starts and stops slewing, respectively.
RESTART
When a synchronization restart occurs, the next generated
synchronization offset value propagates through the refinement
block unaltered, with subsequent synchronization offset values
receiving progressively more filtering over time. The user can
manually restart the synchronization offset refinement process
from the beginning at any time by programming Bit 0 of Register
0x0F08 to Logic 1.
The synchronization event that follows a synchronization
restart is not the same as an initial synchronization event (a
synchronization event following a device power-up, for example).
Thus, a synchronization restart does not cause the slew limiter
to bypass automatically on the first synchronization event
following a synchronization restart.
SYNCHRONIZATION GUARD
Because common clock synchronization has a direct impact on
the common time scale, safeguards are in place to mitigate
corruption of the common time scale with invalid synchroniza-
tion events. Such is the function of the guard element shown in
Figure 51. Conceptually, the guard controls a normally closed
switch that opens when the guard detects a guard event, thereby
preventing the most recent synchronization offset value from
propagating into the synchronization offset refinement process.
Assuming the initial synchronization has occurred (see the
Initial Synchronization section), the following three conditions
can trigger the synchronization guard to open the guard switch:
•
The common clock DPLL unlocks (assuming the guard
bypass lock bit is not set)
•
A maximum magnitude detection event
•
A latency detection event
Any one of these conditions trips the synchronization guard,
which causes a synchronization error. To check the
synchronization error status, use Bit 7 of Register 0x0D40,
where Logic 1 indicates a synchronization error. Synchronization
error status is also available via an appropriately configured Mx
status pin (see the Status and Control Pins section) and via Bit 1
of Register 0x301D as part of the IRQ mechanism (see the
Interrupt Request (IRQ) section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com