Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9546 Datasheet HTML 69Page - Analog Devices AD9546 Datasheet HTML 70Page - Analog Devices AD9546 Datasheet HTML 71Page - Analog Devices AD9546 Datasheet HTML 72Page - Analog Devices AD9546 Datasheet HTML 73Page - Analog Devices AD9546 Datasheet HTML 74Page - Analog Devices AD9546 Datasheet HTML 75Page - Analog Devices AD9546 Datasheet HTML 76Page - Analog Devices AD9546 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 73 of 205
EMBEDDED
CLOCK
DEMODULATOR
REFB
REFBB
DIFFERENTIAL
SINGLE- ENDED
TIME
STAMPS
TDC
TDC
SYNC
M4
Mx PIN
FUNCTION
LOGIC
1-OF-6 LOOPBACK
PATH SELECTOR
A
B
C
3
SYNC
REG 0x2D02, BITS[2:0]
SINGLE- ENDED
EMBEDDED
CLOCK
DEMODULATOR
÷R
÷R
TIME
STAMPS
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
REG 0x0106, BIT 7 = 1
Figure 56. Analog Loopback Detail
The TC1 and TC2 time codes occur sequentially in pairs: TC1[x]
and TC2[x], TC1[x + 1] and TC2[x + 1], and so on. Each time
code pair provides a round trip delay measurement, RTD, given by
RTD[x] = TC2[x] − TC1[x]
Ideally, each RTD[x] is the same value, but in practice, the
RTD[x] values vary slightly due to various noise contributors.
Generally, the user takes an average of several RTD[x] values to
yield an improved estimate of round trip delay. The round trip
delay measurement includes all delays in the loopback path:
interconnections and active elements (like buffers and other
semiconductor components). However, Table 29 provides static
delay values for sections of the internal loopback paths, which
the user can subtract from the round trip delay measurement to
account for the delay associated with the internal paths of the
device. The resulting value, RTDCORR, constitutes the corrected
round trip delay, which consists of the total interconnect delay
(forward and reverse paths) along with delay contributions of
any other components in the path. The small error due to the
difference between the mean specified component delays and
the actual component delays also exists. Assuming the
interconnect delay dominates, an approximation of the forward
(or reverse) path interconnect delay, Δt, is
Δt = ½ × RTDCORR
With a value for RTDCORR and knowledge of the mean
component delays in the signal path, the user can program
corrective offsets in the appropriate nodes to counteract the
path delay.
EXCESSIVE ROUND TRIP DELAY
In some applications, interconnect lengths may result in a
round trip delay that exceeds the period of the underlying clock
period. Such a situation breaks the symmetry of the TC1 and
TC2 time code pairs. Techniques exist to overcome excessive
round trip delay, but such is beyond the scope of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com