Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9546 Datasheet HTML 48Page - Analog Devices AD9546 Datasheet HTML 49Page - Analog Devices AD9546 Datasheet HTML 50Page - Analog Devices AD9546 Datasheet HTML 51Page - Analog Devices AD9546 Datasheet HTML 52Page - Analog Devices AD9546 Datasheet HTML 53Page - Analog Devices AD9546 Datasheet HTML 54Page - Analog Devices AD9546 Datasheet HTML 55Page - Analog Devices AD9546 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 52 of 205
DIGITIZED CLOCKING
OVERVIEW
Digitized clocking enables precise timing transport (frequency
and phase) among spatially separated devices by the exchange
of numeric time codes to synchronize local clocks (assuming all
devices have access to a common reference clock signal).
A digitized clocking system comprises multiple timing nodes
with each node relying on a shared external time base
(common clock reference). Because each node shares the same
common clock reference, each node increments at the same
rate, resulting in all nodes having the same time scale. Although
all the nodes have the same time scale, there is no guarantee
they share the same epoch. Digitized clocking relies on a user
provided synchronization signal at each node to establish a
common epoch, ultimately leading to all nodes being time
aligned. A unique characteristic of digitized clocking is the
ability to exchange numeric time codes between nodes via a
digital bus, which provides a means to send multiple clocks
over one digital bus (clock aggregation) instead of having to
route multiple analog clock signals throughout a system. The
AD9546 contains all the necessary building blocks to
implement one digitized clocking node.
Figure 48 shows the individual components of a complete
digitized clock node as implemented in the AD9546. These
digitized clocking components include the following:
•
A system clock PLL for generating a system clock
frequency for internal digital timing functions (see the
System Clock PLL section)
•
A common clock DPLL to phase lock to a reference time
base (common clock reference) and maintain a local time
scale
•
A physical clock converter for converting the rising edges
of a physical clock to time stamps derived from the system
clock
•
A physical clock generator for converting time stamps
derived from the common time scale to a physical clock
output signal
•
A CCS for creating a common time scale by assigning an
epoch to the local time scale
•
A UTS to convert internal time stamps to time codes based
on the common time scale and provide those time codes to
the user for external use
•
An IUTS to convert a series of time codes based on the
common time scale (a digitized clock signal) provided by
the user to internal time stamps
Figure 48 shows a variety of time stamp sources. Certain
digitized clocking components require the ability to connect to
any one of the time stamp sources, which is the reason those
components include a time stamp selection mux at their input.
SYSTEM CLOCK PLL COMPONENT
The system clock PLL typically uses an external crystal
resonator as a frequency source, which tends to offer optimal
overall phase noise performance. The system clock PLL
synthesizes a high frequency internal system clock signal
(~2.4 GHz) from the external frequency source, which provides
the basic internal timing for the device. The TDCs of the device
use the system clock to generate time stamps (see the Time to
Digital Converter (TDC) section).
Note that the internal system clock signal is one of the two
frequency sources the common clock DPLL component uses to
generate the local time scale.
COMMON CLOCK DPLL COMPONENT
The purpose of the common clock DPLL is to produce a local
time scale. The common clock DPLL uses the system clock for
internal timing, but the phase locks to a reference time base, the
common clock reference. The output of the common clock
DPLL is the local time scale, which constitutes the accumulated
period of cycles of the common clock reference and provides an
internal sense of time for the digitized clocking components.
The inherent closed-loop architecture of the common clock
DPLL results in the generation of an error signal, Correction
Factor 3 (CF3), that effectively compensates for system clock
fluctuations. Note the CF3 signal is available to the system clock
compensation functional block of the AD9546 (see the
Compensation Method 3 section).
PHYSICAL CLOCK CONVERTER
The physical clock converters provide an input to receive an
external clock signal, provide optional integer frequency
division, and convert rising clock edges to numeric time
stamps. The time stamps are then available for use by those
digitized clocking components that require a time stamp
source.
PHYSICAL CLOCK GENERATOR
The physical clock generator makes use of the AD9546 DPLL
channels and output distribution drivers to produce an analog
clock output signal from time stamps. In a digitized clocking
application, the time stamps derive from the common time
scale. Because the DPLL can accept those time stamps as its
reference input, the output of the physical clock generator
consists of analog clock signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com