Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9546 Datasheet HTML 61Page - Analog Devices AD9546 Datasheet HTML 62Page - Analog Devices AD9546 Datasheet HTML 63Page - Analog Devices AD9546 Datasheet HTML 64Page - Analog Devices AD9546 Datasheet HTML 65Page - Analog Devices AD9546 Datasheet HTML 66Page - Analog Devices AD9546 Datasheet HTML 67Page - Analog Devices AD9546 Datasheet HTML 68Page - Analog Devices AD9546 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 65 of 205
USER TIME STAMPER (UTS)
OVERVIEW
The AD9546 has nine UTSs comprising the UTS system (see
Figure 53). Each UTS in the UTS system converts internal
device time stamps (based on the local time scale) to time codes
based on the common time scale (see the Common Clock
Synchronizer (CCS) section) and makes those time codes
accessible to the user via the register map.
Because the UTS system relies on the common time scale
(which originates with the CCS) the status of the CCS matters
to the UTS system. As such, the UTS system is inoperative
unless the CCS indicates a ready status.
The UTS system consists of nine independent UTSs with each
UTS having a dedicated UTS channel control register. Time
codes output by each UTS route to a readback FIFO. The FIFO
contains time code samples originating from all active
(enabled) UTSs. The FIFO samples include supplemental
information allowing the user to discern the source of a time
code sample and the status of the UTS channel associated with
the time code sample. The FIFO also provides a status related
to its own condition.
The UTS system is independent of the two user time stamp
processors (see the User Time Stamp Processor (UTSP)
section).
UTS CHANNEL CONTROL REGISTERS ADDRESSES
Each UTS channel has a dedicated UTS channel control
register, differentiated by an integer, x (where x is 0 to 8). Each
UTS Channel x control register occupies a range of register
addresses. UTS 0 occupies Register 0x0E00 to Register 0x0E04.
More generally, UTS x occupies the UTS 0 address range, but
with an offset of x × 0x0005.
UTS CHANNEL ENABLE
Each UTS in the UTS system has an independent enable bit.
The enable bit is Bit 0 in Register 0x0E00 for UTS 0, or more
generally, for UTS x (where x = 0 to 8, integer), add x × 0x0005
to the register address given for UTS 0. Logic 1 enables the
corresponding UTS channel. Logic 0 (default) disables the
corresponding UTS, in which case it stops delivering new time
code samples to the FIFO with no effect on old time code
samples already delivered to the FIFO.
TIME
CODE
SOURCE
FLAGS
OVERFILL
COUNT
READ
BACK
FIFO
IO UPDATE
3
5
96
CCDPLL
UNLOCK
CCR INVALID
CCR FAULT
TIME STAMPS
5 SOURCE
COMMON TIME
SCALE
TIME STAMP
PROCESSOR
ENABLE
TAG
FORMAT
OFFSET
24
FLAGS
3
FLAG
ENCODER
TIME
CODE
96
3
UTS 0
ENCODED
FLAGS
UTS 1
UTS CHANNEL 1
CONTROL
35
UTS 8
5
35
CCS READY
SOURCE
SELECTOR
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
2. ADDRESSES SHOWN FOR UTS CHANNEL CONTROL ARE SPECIFIC TO UTS 0
REG 0x0E01, BITS[4:0]
REG 0x0E01, BIT 5
REG 0x0E00, BIT 1
REG 0x0E00, BIT 0
REG 0x0E00, BITS[4:2]
REG 0x0E04 TO 0x0E02, BITS[23:0]
UTS
CHANNEL 0
CONTROL
REG 0x0E2E, BITS[4:0]
REG 0x0E2E, BITS[7:5]
7
REG 0x0E2D, BITS[6:0]
REG 0x0E2D, BIT 7
IRQ
REG 0x301C, BITS[7:5]
UTS CHANNEL 8
CONTROL
REG 0x0E3A TO 0x0E2F, BITS[95:0]
Figure 53. UTS System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com