Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 77 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9546 Datasheet HTML 73Page - Analog Devices AD9546 Datasheet HTML 74Page - Analog Devices AD9546 Datasheet HTML 75Page - Analog Devices AD9546 Datasheet HTML 76Page - Analog Devices AD9546 Datasheet HTML 77Page - Analog Devices AD9546 Datasheet HTML 78Page - Analog Devices AD9546 Datasheet HTML 79Page - Analog Devices AD9546 Datasheet HTML 80Page - Analog Devices AD9546 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 77 of 205
REFERENCE CLOCK INPUT RESOURCES
The AD9546 has eight reference clock inputs as shown in
Figure 59. The eight inputs comprise two groups of four:
•
Four primary reference inputs (REFA, REFAA, REFB, and
REFBB)
•
Four auxiliary reference inputs (auxiliary REF0, auxiliary
REF1, auxiliary REF2, and auxiliary REF3)
The two groups are functionally identical except for the
configuration of their input receivers.
The primary reference inputs have configurable input receivers
(see the Reference Receivers section) and dedicated pins. The
user can configure the REFA and REFAA inputs as a single
differential receiver or as two independent, single-ended
receivers. The REFB and REFBB inputs can be configured
likewise.
The auxiliary reference clock inputs have nonconfigurable,
single-ended CMOS receivers, and rather than having
dedicated pins, they are accessible only through Mx Pins (see
the Status and Control Pins section).
Each reference clock input has a dedicated reference monitor,
reference divider (R divider), TDC, and reference demodulator.
AD9546
TIME STAMPS
REFA
REFAA
REFB
REFBB
TIME STAMPS
TIME STAMPS
TIME STAMPS
TIME STAMPS
TIME STAMPS
TIME STAMPS
TIME STAMPS
AUX REF0
AUX REF1
AUX REF2
AUX REF3
M0
M1
M2
M3
M4
SDO/M5
CSB/M6
DEMOD
TDC
REF
MON
÷R
DEMOD
REF
MON
DEMOD
TDC
REF
MON
÷R
DEMOD
REF
MON
DEMOD
TDC
REF
MON
÷R
Mx PIN
FUNCTION
LOGIC
Figure 59. Reference Inputs Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com