Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 100 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 100 Page - Analog Devices

Back Button AD9546 Datasheet HTML 96Page - Analog Devices AD9546 Datasheet HTML 97Page - Analog Devices AD9546 Datasheet HTML 98Page - Analog Devices AD9546 Datasheet HTML 99Page - Analog Devices AD9546 Datasheet HTML 100Page - Analog Devices AD9546 Datasheet HTML 101Page - Analog Devices AD9546 Datasheet HTML 102Page - Analog Devices AD9546 Datasheet HTML 103Page - Analog Devices AD9546 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 100 of 205
DISTRIBUTION N SHOT/PRBS OUTPUT CLOCKING
N SHOT/PRBS CLOCKING OVERVIEW
The Q dividers work in conjunction with several controllers, one
of which is the N shot/pseudorandom binary sequence (PRBS)
controller (see Figure 67). The N shot/PRBS controller provides
the AD9546 with the capability of generating SYSREF and
device clock clocks per the JESD204B standard as well as gapped
and pseudorandom clock signals.
Figure 68 shows a block diagram of the N shot/PRBS clock
controller, which includes a more detailed representation of the
relationship between the Q dividers, the modulation controller
and the N shot/PRBS controller. Although Figure 68 is specific
to PLL0, it is also representative of PLL1, because there are
dedicated controllers for each PLL channel.
Regarding the Q dividers, Qxy denotes a specific Q divider in
the clock distribution section, whereas Qxy denotes the output
of divider Qxy (where x is 0 and y is A, AA, B, BB, C, or CC).
For example, Q0A is the output of Q divider Q0A.
Note that the Q0AA, Q0BB, and Q0CC outputs route directly to the
N shot/PRBS controller, whereas Q0A, Q0B, and Q0C route
through the modulation controller. As such, the Q0A, Q0B, and
Q0C outputs are the only outputs subject to modulation (see the
Distribution Embedded Output Clock Modulation section).
However, disabled (default) modulation channels have an
internal bypass allowing the Q0A, Q0B, and Q0C outputs to pass
directly through the modulation controller.
BB
FROM
SYSTEM
CLOCK
FROM
PLL0
Q DIVIDER PAIR
N SHOT/PRBS CONTROLLER
TRIGGER
N
GAP
OUT
OUT
PRBS GENERATOR A
N SHOT/PRBS GENERATOR A
Mx PIN
FUNCTION
LOGIC
Mx
PINS
TO
OUTPUT
DRIVERS
N SHOT GENERATOR A
MODE
Q DIVIDER PAIR
Q DIVIDER PAIR
Q0CC
MODULATION
CONTROLLER
FEEDBACK
TO
DPLL0
N DIVIDER
SIGA
N SHOT RETIMING MUX
N SHOT
REQUEST
OUT0AN
HITLESS/
ZERO DELAY
FEEDBACK
AND SYNC
AA
B
C
CC
TRIGGER
MODE
GAP
N
0
1
REG 0x2101,
BIT 0
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
2. REGISTER ADDRESSES SHOWN ARE SPECIFIC TO Q DIVIDER PAIR Q0x (WHERE x = A, AA, B, BB, C, OR CC), PLL CHANNEL 0,
N SHOT/PRBS GENERATOR A, AND TRANSLATION PROFILE 0.0
3. SEE THE MODULATION SYNCHRONIZATION SECTION FOR DETAILS ABOUT THE SNCx AND SIGx SIGNALS
Q0C
Q0BB
Q0B
Q0AA
Q0A
REG 0x10DA,
BIT 1
REG 0x1202, BITS[4:0]
REG 0x1203, BITS[4:2]
REG 0x10D3, BITS[5:0]
REG 0x10D2, BITS[7:0]
REG 0x10D3, BIT 6
REG 0x10D6,
BIT 4
REG 0x10D6,
BIT 0
OUT0BP
OUT0BN
OUT0CP
OUT0CN
Figure 68. Block Diagram of JESD204B/Gapped Clock Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com