Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9546 Datasheet HTML 29Page - Analog Devices AD9546 Datasheet HTML 30Page - Analog Devices AD9546 Datasheet HTML 31Page - Analog Devices AD9546 Datasheet HTML 32Page - Analog Devices AD9546 Datasheet HTML 33Page - Analog Devices AD9546 Datasheet HTML 34Page - Analog Devices AD9546 Datasheet HTML 35Page - Analog Devices AD9546 Datasheet HTML 36Page - Analog Devices AD9546 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 33 of 205
I2C Mode
Table 36.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SDA, SCL (AS INPUTS)
Valid for VDDIOA = 1.8 V, 2.5 V, and 3.3 V
Input Voltage
Logic 1
70
% of VDDIOA
Logic 0
0.3 × VDDIOA
V
Input Current
−10
+10
µA
For VIN = 10% to 90% of VDDIOA
Hysteresis of Schmitt Trigger
Inputs
1.5
% of VDDIOA
SDA (AS OUTPUT)
Output Logic 0 Voltage
0.2
V
Output current (IOUT) = 3 mA
Output Fall Time from VIH
Minimum to VIL Maximum
20 + 0.1 × CB
250
ns
10 pF ≤ CB ≤ 400 pF; CB is the bus
capacitance
TIMING
SCL Clock Rate
400
kHz
Bus Free Time Between a Stop and
Start Condition, tBUF
1.3
µs
Repeated Start Condition Setup
Time, tSU; STA
0.6
µs
Repeated Hold Time Start
Condition, tHD; STA
0.6
µs
After this period, the first clock pulse is
generated
Stop Condition Setup Time, tSU; STO
0.6
µs
Low Period of the SCL Clock, tLOW
1.3
µs
High Period of the SCL Clock, tHIGH
0.6
µs
SCL/SDA Rise Time, tR
20 + 0.1 × CB
300
ns
SCL/SDA Fall Time, tF
20 + 0.1 × CB
300
ns
Data Setup Time, tSU; DAT
100
ns
Data Hold Time, tHD; DAT
100
ns
Capacitive Load, CB
400
pF
Applies to individual bus lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com