Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9546 Datasheet HTML 26Page - Analog Devices AD9546 Datasheet HTML 27Page - Analog Devices AD9546 Datasheet HTML 28Page - Analog Devices AD9546 Datasheet HTML 29Page - Analog Devices AD9546 Datasheet HTML 30Page - Analog Devices AD9546 Datasheet HTML 31Page - Analog Devices AD9546 Datasheet HTML 32Page - Analog Devices AD9546 Datasheet HTML 33Page - Analog Devices AD9546 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 30 of 205
Mx TO Mx PIN OUTPUT TIMING SKEW
The data in Table 30 indicates the time offset of the target Mx pin clock edge relative to the M0 pin clock edge. Table 30 indicates the
difference in output timing between Mx pins that are configured as outputs. The M0 pin and target Mx pins use the same internal status
source. To determine the skew between any two Mx pins (for example, M2 to SDO/M5), subtract the values in the appropriate rows
(skew from M2 to SDO/M5 is 190 − 760 = −570 ps). Note that the supply voltage on VDDIOA and VDDIOB has minimal effect (when
the nominal supply voltage of each is similar) on the output timing skew.
Table 30.
Parameter
Min
Typ
Max
Unit
TIMING SKEW
M0 to M1
160
ps
M0 to M2
190
ps
M0 to M3
630
ps
M0 to M4
1250
ps
M0 to SDO/M5
760
ps
M0 to CSB/M6
150
ps
SYSTEM CLOCK COMPENSATION SPECIFICATIONS
Table 31.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPEN-LOOP COMPENSATION
See the Compensation Method 1 section
Resolution
0.028
ppt
ppt is parts per trillion (10−12)
CLOSED-LOOP COMPENSATION
(AUXILIARY DPLL)
See the Compensation Method 3 section
Phase Detector Frequency
2
200
kHz
Loop Bandwidth
0.1
2 × 103
Hz
Reference Monitor Threshold
5
%
TEMPERATURE SENSOR SPECIFICATIONS
Table 32.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE
Accuracy
TA = −50°C to +110°C
Absolute Die Temperature
5
°C
Relative Die Temperature
1.7
%
Resolution
0.0078
°C
16-bit (signed) resolution
Conversion time
0.18
ms
REPEATABILITY
±0.02
°C
TA = 25°C
DRIFT
0.1
°C
500-hour stress test at 100°C
LOGIC INPUT SPECIFICATIONS (RESETB, M0 TO CSB/M6 PINS)
Table 33.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RESETB
Valid for 3.3 V ≥ VDDIOA ≥ 1.8 V; internal 100 kΩ pull-up resistor
Input Voltage
High, VIH
VDDIOA − 0.4
V
Low, VIL
0.4
V
Input Current
High, IINH
1
µA
Low, IINL
±15
±125
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com