Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 37 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 37 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 33Page - Texas Instruments PCI1031 Datasheet HTML 34Page - Texas Instruments PCI1031 Datasheet HTML 35Page - Texas Instruments PCI1031 Datasheet HTML 36Page - Texas Instruments PCI1031 Datasheet HTML 37Page - Texas Instruments PCI1031 Datasheet HTML 38Page - Texas Instruments PCI1031 Datasheet HTML 39Page - Texas Instruments PCI1031 Datasheet HTML 40Page - Texas Instruments PCI1031 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PCI configuration headers (continued)
Host software must program the PCI1031 socket DMA registers 0 and 1 to set up the socket for DMA transfers.
Socket DMA register 0 applies to the PC Card portion of DMA transfers. Socket DMA register 1 applies to the
PCI portion of DMA transfers specifically to set up the DMA support required in distributed DMA. Socket DMA
register 1 provides register bits to program the DMA transfer width. This transfer width refers to both the PC Card
interface and the PCI interface.
Descriptions of each of the registers follow. Before writing data to any of the TI extension registers, host software
must first read the register to preserve the current contents. After reading the register, software can modify the
desired bits and write back the new data. This preserves current register settings and prevents unpredictable
or undesirable behavior.
The PCI1031 configuration header is shown in Table 12.
Table 12. PCI1031 Configuration Header
REGISTER NAME
OFFSET
Device ID
Vendor ID
00h
Status
Command
04h
Class code
Revision ID
08h
BIST
Header type
Latency timer†
Cache line size†
0Ch
CardBus socket registers/ExCA base-address register
10h
Secondary status (unused)‡
Reserved
14h
CardBus latency timer†
Subordinate bus number
CardBus bus number
PCI bus number†
18h
CardBus memory base register 0 (unused)‡
1Ch
CardBus memory limit register 0 (unused)‡
20h
CardBus memory base register 1 (unused)‡
24h
CardBus memory limit register 1 (unused)‡
28h
CardBus I/O base register 0 (unused)‡
2Ch
CardBus I/O limit register 0 (unused)‡
30h
CardBus I/O base register 1 (unused)‡
34h
CardBus I/O limit register 1 (unused)‡
38h
Bridge control†
Interrupt pin
Interrupt line
3Ch
Subsystem ID
Subsystem vendor ID
40h
PC Card 16-Bit I/F legacy-mode base address†
44h
Reserved
48h–7Ch
System control†
80h
Reserved
84h–8Ch
Test†
Device control†
Card control†
Retry status†
90h
Socket DMA register 0
94h
Socket DMA register 1
98h
Reserved
9Ch–FFh
† One or more bits in the register are common to PCI functions 0 and 1.
‡ Unused registers are read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com