Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 95 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 95 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 91Page - Texas Instruments PCI1031 Datasheet HTML 92Page - Texas Instruments PCI1031 Datasheet HTML 93Page - Texas Instruments PCI1031 Datasheet HTML 94Page - Texas Instruments PCI1031 Datasheet HTML 95Page - Texas Instruments PCI1031 Datasheet HTML 96Page - Texas Instruments PCI1031 Datasheet HTML 97Page - Texas Instruments PCI1031 Datasheet HTML 98Page - Texas Instruments PCI1031 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
95
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PC Card cycle timing
The PC Card cycle timing is controlled by the wait-state bits in the Intel 82365SL-DF compatible memory and
I/O window registers. The PC Card cycle generator uses the PCI clock to generate the correct card address
setup and hold times and the PC Card command active (low) interval. This allows the cycle generator to output
PC Card cycles that are as close to the Intel 82365SL-DF timing as possible while always slightly exceeding
the Intel 82365SL-DF values. This ensures compatibility with existing software and maximizes throughput.
The PC Card address setup and hold times are a function of the wait-state bits. Table 49 shows address setup
time in PCLK cycles and nanoseconds for I/O and memory cycles. Table 50 and Table 51 show command active
time in PCLK cycles and nanoseconds for I/O and memory cycles. Table 52 shows address hold time in PCLK
cycles and nanoseconds for I/O and memory cycles.
Table 49. PC Card Address Setup Time, tsu(A), 8-Bit and 16-Bit PCI Cycles
WAIT-STATE BITS
TS1 – 0 = 01
(PCLK/ns)
I/O
3/90
Memory
WS1
0
2/60
Memory
WS1
1
4/120
Table 50. PC Card Command Active Time, tc(A), 8-Bit PCI Cycles
WAIT-STATE BITS
TS1 – 0 = 01
WS
ZWS
(PCLK/ns)
0
0
19/570
I/O
1
X
23/690
0
1
7/210
00
0
19/570
01
X
23/690
Memory
10
X
23/690
11
X
23/690
00
1
7/210
Table 51. PC Card Command Active Time, tc(A), 16-Bit PCI Cycles
WAIT-STATE BITS
TS1 – 0 = 01
WS
ZWS
(PCLK/ns)
0
0
7/210
I/O
1
X
11/330
0
1
N/A
00
0
9/270
01
X
13/390
Memory
10
X
17/510
11
X
23/630
00
1
5/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com