Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 99 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 99 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 92Page - Texas Instruments PCI1031 Datasheet HTML 93Page - Texas Instruments PCI1031 Datasheet HTML 94Page - Texas Instruments PCI1031 Datasheet HTML 95Page - Texas Instruments PCI1031 Datasheet HTML 96Page - Texas Instruments PCI1031 Datasheet HTML 97Page - Texas Instruments PCI1031 Datasheet HTML 98Page - Texas Instruments PCI1031 Datasheet HTML 99Page - Texas Instruments PCI1031 Datasheet HTML 100Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
99
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PDV (S–TQFP–G208)
THIN PLASTIC QUAD FLATPACK
0,13 NOM
105
104
53
0,27
0,17
0,25
0,45
0,75
0,05 MIN
52
Seating Plane
4087729/C 10/97
157
208
156
SQ
SQ
28,05
29,90
30,10
27,95
25,50 TYP
1
1,60 MAX
0,08
0,50
M
0,08
0
°–7°
Gage Plane
1,35
1,45
NOTES: D. All linear dimensions are in millimeters.
E. This drawing is subject to change without notice.
F. Falls within JEDEC MS-126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com