Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 22 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 18Page - Texas Instruments PCI1031 Datasheet HTML 19Page - Texas Instruments PCI1031 Datasheet HTML 20Page - Texas Instruments PCI1031 Datasheet HTML 21Page - Texas Instruments PCI1031 Datasheet HTML 22Page - Texas Instruments PCI1031 Datasheet HTML 23Page - Texas Instruments PCI1031 Datasheet HTML 24Page - Texas Instruments PCI1031 Datasheet HTML 25Page - Texas Instruments PCI1031 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TPS2206 PC Card power control interface (continued)
DATA
LATCH
CLOCK
D8
D7
D6
D5
D4
D3
D2
D1
D0
Figure 3. Serial-Interface Timing
The DATA, LATCH, and CLOCK terminals on the PCI1031 are connected to the terminals of the same names
on the TPS2206. The PCI1031 generates the TPS2206 CLOCK signal by dividing the PCI CLK input by 36. A
PCI CLK frequency of 33 MHz results in a TPS2206 CLOCK frequency of approximately 1 MHz. To conserve
power, the PCI1031 switches the TPS2206 CLOCK signal only when transmitting information to the power
switch; otherwise, the PCI1031 stops the clock in a logic low state.
The encoding of the serial data stream is shown in Table 6. The ninth data bit, D8, is not shown. This bit (D8)
is the active low shutdown (SHDN) bit. When D8 is reset to 0, the values of bits D0 through D7 are ignored and
the power switch removes all power to both PC Card sockets. The PCI1031 sets D8 to a logic high value at
all times.
Table 6. TPS2206 Control Logic
CONTROL SIGNALS
D0
D1
A
VPP
D2
D3
A
VCC
D4
D5
B
VPP
D6
D7
B
VCC
0
0
0 V
0
0
0 V
0
0
0 V
0
0
0 V
0
1
A VCC
0
1
5 V
0
1
B VCC
0
1
3.3 V
1
0
12 V
1
0
3.3 V
1
0
12 V
1
0
5 V
1
1
Hi Z
1
1
0 V
1
1
Hi Z
1
1
0 V
interrupts
Interrupts are an integral component in any computer architecture. The dynamic nature of PCMCIA and the
abundance of PC Card I/O applications mean that interrupts are an integral part of the PCI1031. The PCI1031
provides several interrupt signaling schemes to accommodate the needs of a variety of platforms. The different
mechanisms for dealing with interrupts in this device are based on various specifications and industry
standards. The ExCA register set provides interrupt control for 16-bit PC Card functions.
The PCI1031 detects interrupts and/or events at the PC Card interface and notifies the host interrupt controller
via one of several interrupt signaling protocols. To simplify the discussion and use of interrupts in the PCI1031,
PC Card interrupts are classified as either CSC interrupts or functional interrupts. Functional interrupts are
explicit requests for interrupt servicing directly from the PC Card. Such requests are communicated over a
dedicated PC Card signal defined for this purpose. CSC interrupts indicate a change in the state of the PC Card
(i.e., card removal or insertion, or power up complete). All sources of functional and CSC interrupts are
discussed in detail in the following sections, as well as any specific options to be configured by host software.
The method by which either type of PC Card interrupt is communicated to the host interrupt controller varies
from system to system. The PCI1031 offers system designers the choice of using PCI interrupt signaling,
traditional ISA IRQ signaling, serialized IRQ protocol, or PCI with ISA interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com