Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 35Page - Texas Instruments PCI1031 Datasheet HTML 36Page - Texas Instruments PCI1031 Datasheet HTML 37Page - Texas Instruments PCI1031 Datasheet HTML 38Page - Texas Instruments PCI1031 Datasheet HTML 39Page - Texas Instruments PCI1031 Datasheet HTML 40Page - Texas Instruments PCI1031 Datasheet HTML 41Page - Texas Instruments PCI1031 Datasheet HTML 42Page - Texas Instruments PCI1031 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 13. PCI Command Register
BIT
TYPE
FUNCTION
15–10
R
Reserved. Bits 15–10 are read only and return 0s when read.
9
R
Fast back-to-back enable. Bit 9 indicates whether the device is enabled for the fast back-to-back transaction function. The
PCI1031 does not support fast back-to-back PCI cycles. Bit 9 is read only and returns 0s when read.
8
R/W
System error (SERR) enable. Bit 8 and bit 6 must be set for the PCI1031 to report address parity errors.
0 = Disable the SERR output driver (default)
1 = Enable the SERR output driver
7
R
Wait cycle control. Bit 7 indicates whether a PCI device is capable of address/data stepping. The PCI1031 does not
support address/data stepping; therefore, bit 7 is hardwired to 0. Bit 7 is read only and returns 0s when read. Writes to
bit 7 have no effect.
6
R/W
Parity error response. Data parity errors are indicated by asserting PERR, while address parity errors are indicated by
asserting SERR.
0 = PCI1031 ignores detected parity error (default)
1 = PCI1031 responds to detected parity errors
5
R
VGA palette snoop. Bit 5 controls how PCI devices handle accesses to VGA palette registers. The PCI1031 does not
support VGA palette snooping; therefore, bit 5 is hardwired to 0. Bit 5 is read only and returns 0s when read. Writes to
bit 5 have no effect.
4
R
Memory write and invalidate enable. Bit 4 controls whether a PCI initiator device can generate memory write and invalidate
commands. The PCI1031 controller uses memory-write commands instead of memory-write- and-invalidate commands;
therefore, bit 4 is hardwired to 0. Bit 4 is read only and returns 0s when read. Writes to bit 4 have no effect.
3
R
Special cycles. Bit 3 controls whether or not a PCI device ignores PCI special cycles. The PCI1031 does not monitor
special cycle operations; therefore, bit 3 is hardwired to 0. Bit 3 is read only and returns 0s when read. Writes to bit 3 have
no effect.
2
R/W
Bus initiator control. Bit 2 controls whether or not a PCI device can act as a PCI bus initiator. Bit 2 is used for distributed
DMA only.
0 = Disables the PCI1031’s ability to generate PCI bus accesses (default)
1 = Enables the PCI1031’s ability to generate PCI bus accesses
1
R/W
Memory space control. Bit 1 controls whether or not a PCI device can claim cycles in PCI memory space.
0 = Disables the PCI1031’s response to memory space accesses (default)
1 = Enables the PCI1031’s response to memory space accesses
0
R/W
I/O space control. Bit 0 controls whether or not a PCI device can claim cycles in PCI I/O space.
0 = Disables the PCI1031’s response to I/O space accesses (default)
1 = Enables the PCI1031’s response to I/O space accesses
PCI status register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PCI status
Type
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
Register:
PCI status
Type:
Read only, read/write (see individual bit descriptions)
Offset:
06h
Default:
0200h
Description: The PCI status register provides PCI -related device information to the host system. Bits in this
register can be read normally; however, writes behave differently. A bit in the status register is
reset when a 1 is written to that bit location; a 0 written to a bit location has no effect. Refer to
Table 14 for a complete description of the register contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com