Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 25 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 21Page - Texas Instruments PCI1031 Datasheet HTML 22Page - Texas Instruments PCI1031 Datasheet HTML 23Page - Texas Instruments PCI1031 Datasheet HTML 24Page - Texas Instruments PCI1031 Datasheet HTML 25Page - Texas Instruments PCI1031 Datasheet HTML 26Page - Texas Instruments PCI1031 Datasheet HTML 27Page - Texas Instruments PCI1031 Datasheet HTML 28Page - Texas Instruments PCI1031 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ISA IRQ interrupts (continued)
1.
Set bits 2–1 of PCI configuration register 92h (function 0) to 01b for interrupt mode selection.
2.
Write to the upper four bits of ExCA register 05h/45h/805h for desired CSC routing for each socket (note
the restrictions placed on interrupt routing with ISA IRQ signaling; only ten IRQs are valid in this mode).
3.
If a PC Card is installed in the socket and requires functional interrupts, write to the lower nibble of ExCA
register 03h/43h/803h for desired functional interrupt routing for the socket (note the restrictions placed on
interrupt routing with ISA IRQ signaling).
4.
Using Table 9, write to the appropriate mask register bits to enable interrupt generation for desired events.
5.
Upon card-removal events, host software should unroute any functional interrupts that were set for that
socket.
6.
Upon card-insertion events, host software should reconfigure the mask and routing registers to support the
new card requirements.
PCI interrupts
NOTE:
PCI interrupts can be used with ISA interrupts. All unused INTA and INTB lines should be pulled
high by a 43-k
Ω resistor.
The PCI1031 also supports interrupt signaling compliant with the PCI local bus specification. Consistent with
this specification, the PCI1031 can use one PCI interrupt for each of its functions: INTA is used for PC Card
socket A interrupts, and INTB is used for socket B. These pins are on the PCI1031 at pins 154 and 155 and are
dual-function pins with the ISA-mode interrupts IRQ3 and IRQ4. When the PCI1031 is configured for PCI
interrupt signaling, these pins behave as open-drain PCI interrupts. Systems that prefer a single interrupt line
from the PCI1031 can connect these two interrupt terminals together.
PCI configuration register offset 91h must be written in order to route CSC and functional interrupts from each
socket. The step-by-step series of events for host software to successfully configure the PCI1031 for PCI
signaling follows. These steps assume that the system has powered up and RSTIN is high (deasserted). In
cases where only selected bits of a register are to be modified, host software must leave the remaining register
bits unchanged by reading the current contents of the register first, modifying the desired bits, then writing the
new value back to the register.
1.
Set bit 5 of PCI configuration register 91h (function 0) to a value of 1 (enabled).
2.
Set bit 3 of PCI configuration register 91h (functions 0 and 1 separately) to route CSC interrupts to INTA
(for socket A) or INTB (for socket B).
3.
If a PC Card is installed in the socket and requires functional interrupts, write to bit 4 of the PCI Card control
register 91h (for the socket) to route functional interrupts from the PC Card to INTA (for socket A) or INTB
(for socket B).
4.
Using Table 8, write to the appropriate mask register bits to enable interrupt generation for desired events.
5.
Upon card-removal events, host software should disable any functional interrupts generation.
6.
Upon card insertion events, host software should reconfigure the mask and routing registers to support the
new card requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com