| Electronic Components Datasheet Search |
|
PCI1031 Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI1031 Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 100 page ![]() PCI1031 PCI-TO-PC CARD16 CONTROLLER UNIT SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997 23 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 functional and CSC interrupts Functional interrupts are defined as requests from a PC Card for interrupt service, and are indicated by asserting specially defined signals on the PC Card interface. Functional interrupts are generated by 16-bit I/O PC Cards. CSC interrupts are defined as events at the PC Card interface that are detected by the PCI1031 and can warrant notification of host software for service. Such events include transitions on certain PC Card signals or card removal/insertion. The specific examples of functional and CSC interrupts depend on the type of PC Card(s) installed in the socket at any given time. The 16-bit interrupt sources differ between memory and I/O PC Cards. Table 7 summarizes the sources of interrupts and the type of PC Card associated with them. The functional interrupt events are valid only for 16-bit I/O Cards. Card insertion and removal events are independent of the card type since the same card-detect signals are used in both cases and the PCI1031 cannot distinguish between card types upon card insertion. Table 7. PC Card Interrupt Events and Description CARD TYPE EVENT TYPE SIGNAL DESCRIPTION Battery conditions CSC BVD1(STSCHG) A transition on BVD1 indicates a change in the PC Card battery conditions. 16-bit memory y (BVD1, BVD2) CSC BVD2(SPKR) A transition on BVD2 indicates a change in the PC Card battery conditions. Wait states (READY) CSC READY(IREQ) A transition on READY indicates a change in the ability of the memory PC Card to accept or provide data. 16 bit I/O Change in card status (STSCHG) CSC BVD1(STSCHG) The assertion of STSCHG indicates a status change on the PC Card. 16-bit I/O Interrupt request (IREQ) Functional READY(IREQ) The assertion of IREQ indicates an interrupt request from the PC Card. All PC Cards Card insertion or removal CSC CD1//CCD1, CD2//CCD2 A transition on either CD1 // CCD1 or CD2 // CCD2 indicates an insertion or removal of a 16-bit // CardBus PC Card. All PC Cards Power cycle complete CSC N/A An interrupt is generated when a PC Card power up cycle is complete. The signal-naming convention for PC Card signals describes the function for 16-bit memory and I/O cards. The 16-bit memory card signal name is first, with the I/O card signal name second, enclosed in parentheses. The 16-bit I/O cards use two signal lines to signal interrupts: one to indicate a change in card status and another dedicated to request interrupt servicing from the host. A 16-bit memory PC Card uses the BVD1 and BVD2 signals to indicate changes in battery conditions on the card, and it uses the READY signal to insert wait states during memory card data transfers. The PC Card standard describes the power-up sequence that must be followed by the PCI1031 when an insertion event occurs and the host requests that the socket VCC and VPP be powered. Upon completion of this power-up sequence, the PCI1031 interrupt scheme can be used to notify the host system denoted by “power cycle complete” (see Table 7). This interrupt source is considered a PCI1031 internal event because it does not depend on a signal change at the PC Card interface, but rather the completion of applying power to the socket. Host software can individually mask (disable) each of the potential CSC interrupt sources listed in Table 7 by setting the appropriate bits in the PCI1031. By individually masking the interrupt sources listed in Table 7, host software can control which events cause a PCI1031 interrupt. Host software has some control over which system interrupt the PCI1031 asserts by programming the appropriate routing registers. The PCI1031 allows host software to route PC Card CSC and functional interrupts to separate system interrupts. Interrupt routing is specific to the interrupt signaling method used and is discussed in the following sections. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |