Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 46 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 42Page - Texas Instruments PCI1031 Datasheet HTML 43Page - Texas Instruments PCI1031 Datasheet HTML 44Page - Texas Instruments PCI1031 Datasheet HTML 45Page - Texas Instruments PCI1031 Datasheet HTML 46Page - Texas Instruments PCI1031 Datasheet HTML 47Page - Texas Instruments PCI1031 Datasheet HTML 48Page - Texas Instruments PCI1031 Datasheet HTML 49Page - Texas Instruments PCI1031 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
bridge control register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Bridge control
Type
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
1
1
0
1
0
0
0
0
0
0
Register:
Bridge control
Type:
Read only, read/write (see individual bit descriptions)
Offset:
3Eh
Default:
0340h
Description: This register provides control over PCI1031 bridging functions. Refer to Table 15 for a
complete description of the register contents.
Table 15. Bridge Control Register
BIT
TYPE
FUNCTION
15–11
R
Reserved. Bits 15–11 are read only and return 0s when read. Writes have no effect.
10
R/W
Write posting enable. Enables posting of write data to and from the socket. If bit 10 is not set, the bridge must drain any
data in its buffers before accepting data for or from the socket. Each data word must then be accepted by the target before
the bridge can accept the next word from the source master. The bridge must not release the source master until the last
word is accepted by the target. Operating with write posting disabled inhibits system performance. Bit 10 is encoded as:
0 = Write posting is disabled (default).
1 = Write posting is enabled.
9
R/W
Memory window 1 type (nonfunctional)
8
R/W
Memory window 0 type (nonfunctional)
7
R/W
PCI interrupt-IREQ routing enable bit. When bit 7 is 0 and the PCI interrupt bit in device control register (see
device control
register) is enabled, the functional card interrupts are routed to the PCI interrupt for the socket (INTA or INTB). When bit
7 is 1, the functional card interrupt is routed to an IRQ pin using the routing selected in the ExCA card interrupt and general
control register (see
ExCA interrupt and general control register). Bit 7 is encoded as:
0 = Functional interrupts are routed to PCI interrupts (default).
1 = Functional interrupts are routed by ExCA registers.
6
R/W
CardBus reset (nonfunctional)
5
R/W
Master abort mode. Bit 5 controls how the PCI1031 responds to a master abort when the PCI1031 is a master. Bit 5 is
common between each socket. Bit 5 is encoded as:
0 = Master aborts not reported (default)
1 = Signal target abort and SERR, if enabled
4
R
Reserved. Bit 4 is read only and returns 0, when read. Writes have no effect.
3
R/W
VGA enable. Bit 3 affects how the PCI1031 responds to VGA addresses. Bit 3 is encoded as:
0 = Normal operation. Accesses to VGA addresses are forwarded (default).
1 = Accesses to VGA addresses are not forwarded.
2
R/W
Reserved. Bit 2 is nonfunctional.
1
R/W
SERR enable (nonfunctional)
0
R/W
Parity error response enable (nonfunctional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com