Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 69 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 69 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 65Page - Texas Instruments PCI1031 Datasheet HTML 66Page - Texas Instruments PCI1031 Datasheet HTML 67Page - Texas Instruments PCI1031 Datasheet HTML 68Page - Texas Instruments PCI1031 Datasheet HTML 69Page - Texas Instruments PCI1031 Datasheet HTML 70Page - Texas Instruments PCI1031 Datasheet HTML 71Page - Texas Instruments PCI1031 Datasheet HTML 72Page - Texas Instruments PCI1031 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
69
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA memory window 0–4 end-address high-byte register (index 13h, 1Bh, 23h, 2Bh, 33h)
Register:
ExCA memory window 0 end-address high byte
Offset:
CardBus socket address + 813h; Card A ExCA offset 13h
Card B ExCA offset 53h
Register:
ExCA memory window 1 end-address high byte
Offset:
CardBus socket address + 81Bh; Card A ExCA offset 1Bh
Card B ExCA offset 5Bh
Register:
ExCA memory window 2 end-address high byte
Offset:
CardBus socket address + 823h; Card A ExCA offset 23h
Card B ExCA offset 63h
Register:
ExCA memory window 3 end-address high byte
Offset:
CardBus socket address + 82Bh; Card A ExCA offset 2Bh
Card B ExCA offset 6Bh
Register:
ExCA memory window 4 end-address high byte
Offset:
CardBus socket address + 833h; Card A ExCA offset 33h
Card B ExCA offset 73h
Type:
Read only, read/write (see individual bit descriptions)
Default:
00h
Size:
One byte
Description: These registers contain the high byte of the memory window end address for memory
windows 0, 1, 2, 3, and 4. In addition, the memory window wait states are set in this register.
Refer to Table 33 for a complete description of the register contents.
Table 33. ExCA Memory Window End-Address High-Byte Register (Index 13h, 1Bh, 23h, 2Bh, 33h)
BIT
TYPE
FUNCTION
7–6
R/W
Wait state. Bits 7–6 specify the number of equivalent ISA wait states to be added to 16-bit memory accesses. The number
of wait states added is equal to the binary value of these two bits.
5–4
R
Reserved. Bits 5–4 are read only and return 0s when read. Writes have no effect.
3–0
R/W
End-address high-byte. Bits 3–0 represent the upper address bits A23–A20 of the memory window end address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com