Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 49 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 45Page - Texas Instruments PCI1031 Datasheet HTML 46Page - Texas Instruments PCI1031 Datasheet HTML 47Page - Texas Instruments PCI1031 Datasheet HTML 48Page - Texas Instruments PCI1031 Datasheet HTML 49Page - Texas Instruments PCI1031 Datasheet HTML 50Page - Texas Instruments PCI1031 Datasheet HTML 51Page - Texas Instruments PCI1031 Datasheet HTML 52Page - Texas Instruments PCI1031 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 16. System Control Register (Continued)
BIT
TYPE
FUNCTION
12
R
Reserved. Bit 12 is read only and returns 1 when read.
11
R
Power stream in progress status bit. When high, bit 11 indicates that a power stream to the TPS2206 is in progress and
power requested. Bit 11 is cleared when the power stream is finished. This is a global bit. Bit 11 is encoded as:
0 = No power stream in progress
1 = Power stream in progress
10
R
Power-down delay in progress status bit. When high, bit 10 indicates that a power-down stream is sent to the TPS2206
but power is not yet stable. Bit 10 is cleared when the power-down delay expires. This is a global bit. Bit 10 is encoded
as:
0 = Power-down delay not in effect
1 = Power-down delay in effect
9
R
Power-up delay in progress status bit. When high, bit 9 indicates that a power-up stream is sent to the TPS2206 but power
is not yet stable. Bit 9 is cleared when the power-up delay expires. This is a global bit. Bit 9 is encoded as:
0 = Power-up delay not in effect
1 = Power-up delay in effect
8
R
Interrogation in progress status. When high, bit 8 indicates an interrogation is in progress. Bit 8 is cleared when the
interrogation is complete. Bit 8 is encoded as:
0 = Interrogation not in progress
1 = Interrogation in progress
7–6
R
Reserved. Bits 7–6 are read only and return 0s when read. Writes have no effect.
5
R/W
ExCA identification and revision register read only enable. When bit 5 is set, the entire ExCA identification and revision
register is read only. This bit is encoded as:
0 = ExCA identification and revision register are read/write.
1 = ExCA identification and revision register are read only (default).
4
R/W
CardBus data parity SERR signaling enable bit (nonfunctional)
3
R/W
PC/PCI DMA enable bit. Enables PC/PCI DMA. When enabled, the PC/PCI DMA request is output on IRQ7 and the
PC/PCI DMA grant is input on IRQ11. This is a global bit. Bit 3 is encoded as:
0 = PC/PCI DMA disabled (default)
1 = PC/PCI DMA enabled
2
R/W
Asynchronous interrupt mode enable bit. When enabled, bit 2 allows asynchronous card status-change events to cause
an interrupt without the PCI clock running. The only card status-change interrupt that requires a clock in this mode is the
power status, since a clock is required to send the power stream to the TPS2206. This is a global bit. Bit 2 is encoded
as:
0 = Asynchronous interrupt mode disabled (default)
1 = Asynchronous interrupt mode enabled
1
R/W
Keep clock. Keep PCI clock running bit. When bit 1 is set (keep clock run enabled) and PCI clock run is enabled (bit 0
is set), the PCI1031 requests that the PCI clock continue running in response to PCI clock run deassertion. If bit 1 is
cleared, the internal status of the PCI1031 determines if the clock can be stopped. This is a global bit. Bit 1 is encoded
as:
0 = Keep PCI clock running disabled (default)
1 = Keep PCI clock running enabled
0
R/W
PCI clock run enable. When enabled, bit 0 defines IRQ10/CLKRUN as the PCI clock run pin and allows the PCI1031 to
support PCI CLKRUN. When bit 0 is cleared, the PCI1031 ignores the PCI CLKRUN signal. This is a global bit. Bit 0 is
encoded as:
0 = PCI clock run disabled (default)
1 = PCI clock run enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com