Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 85 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 85 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 81Page - Texas Instruments PCI1031 Datasheet HTML 82Page - Texas Instruments PCI1031 Datasheet HTML 83Page - Texas Instruments PCI1031 Datasheet HTML 84Page - Texas Instruments PCI1031 Datasheet HTML 85Page - Texas Instruments PCI1031 Datasheet HTML 86Page - Texas Instruments PCI1031 Datasheet HTML 87Page - Texas Instruments PCI1031 Datasheet HTML 88Page - Texas Instruments PCI1031 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
85
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DMA status/command register
Bit
7
6
5
4
3
2
1
0
Name
DMA status
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
DMA command
Type
R
R
R
R
R
R/W
R
R
Default
0
0
0
0
0
0
0
0
Register:
DMA status/command
Type:
Read only, read/write (see individual bit descriptions)
Offset:
DMA base address + 08h
Default:
00h
Size:
One byte
Description: This address contains both the DMA status and command registers. During PCI I/O read
cycles to this address, the PCI1031 returns the contents of the DMA status register. During
PCI I/O write cycles to this address, the DMA command register is written. The DMA status
and command registers remain in accordance with the 8237 DMA controller register
definitions; however, certain bits are not implemented in the PCI1031. Refer to Table 45 for a
complete description of the status register contents and Table 46 for a complete description of
the command register contents.
Table 45. DMA Status Register
BIT
TYPE
FUNCTION
7–4
R
Channel request. In the 8237 DMA controller, bits 7–4 indicate the status of the DREQ signal of each DMA channel. In
the PCI1031, the status register only reports information about a single DMA channel; therefore, all four of these register
bits indicate the DREQ status of the single socket being serviced by this register. All four bits are set when the PC Card
asserts its DREQ signal and are reset when DREQ is high (deasserted). The status of the mask bit in the multichannel
mask register has no effect on these bits.
3–0
R
Channel TC. The 8237 DMA controller uses bits 3–0 to indicate the TC status of each of its four DMA channels. In the
PCI1031, the status register reports information about just a single DMA channel; therefore, all four of these register bits
indicate the TC status of the single socket being serviced by this register. All four bits are set when the TC is reached by
the DMA channel. Bits 3–0 are reset when read or when the DMA channel is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com