Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 28Page - Texas Instruments PCI1031 Datasheet HTML 29Page - Texas Instruments PCI1031 Datasheet HTML 30Page - Texas Instruments PCI1031 Datasheet HTML 31Page - Texas Instruments PCI1031 Datasheet HTML 32Page - Texas Instruments PCI1031 Datasheet HTML 33Page - Texas Instruments PCI1031 Datasheet HTML 34Page - Texas Instruments PCI1031 Datasheet HTML 35Page - Texas Instruments PCI1031 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ring indicate (continued)
PCI1031
CARD A
CARD B
RI B
RI A
IRQ15/RI_OUT
Figure 6. Ring Indicate Enabled on PCI1031
zoom video
The PCI1031 allows the implementation of the zoom video proposal before the PCMCIA. Zoom video is
supported by setting bit 6 of the card control register (see
card control register) in the TI extension registers.
Setting bit 6 puts address lines A25–A4 of the PC Card interface in the high-impedance state. These lines can
then be used to transfer video and audio data directly to the appropriate controller. Address lines A3–A0 can
still be used by the PCI1031 to access PC Card CIS registers for PC Card configuration (see Figure 7).
19
4
ZV-Port
(video)
PCI1031
VGA
Controller
4
19
PCMCIA
Interface
Audio
Video
Audio
Codec
Speakers
CRT
PCI
Local Bus
Motherboard
Video and Control
PC Card
PC Card
Socket
PCM
Audio
Input
Figure 7. Zoom-Video Implementation on the PCI1031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com