Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 76 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 76 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 72Page - Texas Instruments PCI1031 Datasheet HTML 73Page - Texas Instruments PCI1031 Datasheet HTML 74Page - Texas Instruments PCI1031 Datasheet HTML 75Page - Texas Instruments PCI1031 Datasheet HTML 76Page - Texas Instruments PCI1031 Datasheet HTML 77Page - Texas Instruments PCI1031 Datasheet HTML 78Page - Texas Instruments PCI1031 Datasheet HTML 79Page - Texas Instruments PCI1031 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
76
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 37. CardBus Socket Registers
REGISTER NAME
OFFSET
Socket event
00h
Socket mask
04h
Socket present state
08h
Socket force event
0Ch
Socket control
10h
Reserved
14–1Fh
Test (unused)
20h
CardBus Socket
Registers
PCI Configuration Space
PCI Memory
Space
CardBus Socket/ExCA Base Address
16-Bit Legacy-Mode Base Address
10h
44h
00h
ExCA
Registers
Card A
20h
800h
840h
CardBus Socket
Registers
00h
ExCA
Registers
Card B
20h
800h
840h
Offset
Function 0
Function 1
Figure 12. CardBus Socket/ExCA PCI Memory Access Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com