Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 71 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 67Page - Texas Instruments PCI1031 Datasheet HTML 68Page - Texas Instruments PCI1031 Datasheet HTML 69Page - Texas Instruments PCI1031 Datasheet HTML 70Page - Texas Instruments PCI1031 Datasheet HTML 71Page - Texas Instruments PCI1031 Datasheet HTML 72Page - Texas Instruments PCI1031 Datasheet HTML 73Page - Texas Instruments PCI1031 Datasheet HTML 74Page - Texas Instruments PCI1031 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
71
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 34. ExCA Memory Window Offset-Address High-Byte Register (Index 15h, 1Dh, 25h, 2Dh, 35h)
BIT
TYPE
FUNCTION
7
R/W
Write protect. Bit 7 specifies whether write operations to this memory window are enabled. Bit 7 is encoded as:
0 = Write operations are allowed (default).
1 = Write operations are not allowed.
6
R/W
REG. Bit 6 specifies whether this memory window is mapped to card attribute or common memory. Bit 6 is encoded as:
0 = Memory window is mapped to common memory (default).
1 = Memory window is mapped to attribute memory.
5–0
R/W
Offset-address high-byte. Bits 5–0 represent the upper address bits A25–A20 of the memory window offset address.
ExCA I/O window 0–1 offset-address low-byte register (index 36h, 38h)
Register:
ExCA I/O window 0 offset-address low byte
Offset:
CardBus socket address + 836h; Card A ExCA offset 36h
Card B ExCA offset 76h
Register:
ExCA I/O window 1 offset-address low byte
Offset:
CardBus socket address + 838h; Card A ExCA offset 38h
Card B ExCA offset 78h
Type:
Read/write
Default:
00h
Size:
One byte
Description: These registers contain the low byte of the I/O window offset address for I/O windows 0 and 1.
Bit 0 is always 0.
ExCA I/O window 0–1 offset-address high-byte register (index 37h, 39h)
Register:
ExCA I/O window 0 offset-address high byte
Offset:
CardBus socket address + 837h; Card A ExCA offset 37h
Card B ExCA offset 77h
Register:
ExCA I/O window 1 offset-address high byte
Offset:
CardBus socket address + 839h; Card A ExCA offset 39h
Card B ExCA offset 79h
Type:
Read/write
Default:
00h
Size:
One byte
Description: These registers contain the high byte of the ExCA I/O window offset address for ExCA I/O
windows 0 and 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com