Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 73 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 73 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 69Page - Texas Instruments PCI1031 Datasheet HTML 70Page - Texas Instruments PCI1031 Datasheet HTML 71Page - Texas Instruments PCI1031 Datasheet HTML 72Page - Texas Instruments PCI1031 Datasheet HTML 73Page - Texas Instruments PCI1031 Datasheet HTML 74Page - Texas Instruments PCI1031 Datasheet HTML 75Page - Texas Instruments PCI1031 Datasheet HTML 76Page - Texas Instruments PCI1031 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
73
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA global control register (index 1Eh)
Bit
7
6
5
4
3
2
1
0
Name
ExCA global control
Type
R
R
R
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA global control
Type:
Read only, read/write (see individual bit descriptions)
Offset:
CardBus socket address + 81Eh; Card A ExCA offset 1Eh
Card B ExCA offset 5Eh
Default:
00h
Description: This register controls both PC Card sockets and is not duplicated for each socket. The host
interrupt mode bits in this register (retained for Intel 82365SL-DF compatibility) must also
agree with the interrupt mode registers found in the TI extension registers. Host software is
responsible for maintaining coherence between these registers. Refer to Table 36 for a
complete description of the register contents.
Table 36. ExCA Global Control Register (Index 1Eh)
BIT
TYPE
FUNCTION
7–5
R
Reserved. Bits 7–5 are read only and return 0s when read.
4
R/W
Level/edge interrupt mode select – Card B. Bit 4 selects the signaling mode for the PCI1031 host interrupt for Card B
interrupts. Bit 4 is encoded as:
0 = Host interrupt is in edge mode (default).
1 = Host interrupt is in level mode.
3
R/W
Level/edge interrupt mode select – Card A. Bit 3 selects the signaling mode for the PCI1031 host interrupt for Card A
interrupts. Bit 3 is encoded as:
0 = Host interrupt is in edge mode (default).
1 = Host interrupt is in level mode.
2
R/W
Interrupt flag clear mode select. Bit 2 selects explicit writeback of card status-change interrupt acknowledges. Bit 2 is
encoded as:
0 = Card status-change interrupt flags are cleared by a read of the ExCA card status-change register
(default).
1 = Card status-change interrupt flags are cleared by an explicit writeback of 1 to the card status-change
register.
1
R/W
Card status-change level/edge mode select. Bit 1 selects the signaling mode for the PCI1031 host interrupt for card status
changes. Bit 1 is encoded as:
0 = Host interrupt is in edge mode (default).
1 = Host interrupt is in level mode.
0
R/W
PWRDWN mode select. When bit 0 is set to 1, the PCI1031 is in power-down mode. In power-down mode, the PCI1031
outputs are driven to the high-impedance state until an active cycle is executed on the card interface. Following an active
cycle, the outputs are again placed in a high-impedance state. The PCI1031 still receives DMA requests, functional
interrupts and/or card status-change interrupts; however, an actual card access is required to wake up the interface. Bit
0 is encoded as:
0 = Power-down mode is disabled (default).
1 = Power-down mode is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com