Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 33 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 29Page - Texas Instruments PCI1031 Datasheet HTML 30Page - Texas Instruments PCI1031 Datasheet HTML 31Page - Texas Instruments PCI1031 Datasheet HTML 32Page - Texas Instruments PCI1031 Datasheet HTML 33Page - Texas Instruments PCI1031 Datasheet HTML 34Page - Texas Instruments PCI1031 Datasheet HTML 35Page - Texas Instruments PCI1031 Datasheet HTML 36Page - Texas Instruments PCI1031 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power management
The PCI1031 provides four methods of power management. These methods relate to the primary bus (PCI) and
the secondary bus. Managing the PCI clock is the main method of conserving power on the PCI1031.
PCI power management
The PCI clock run feature is the primary method of power management on the PCI bus side of the PCI1031.
To enable the PCI1031 to fit into the suspend and resume schemes of all the various chipsets, the PCI1031
implements SUSPEND that allows RSTIN (PCIRST) to be asserted as the system resumes, while preserving
the state of the PCI1031 internal registers.
PCI clock run
The PCI1031 supports the PCI clock run protocol as defined in the PCI mobile design guide revision 1.0. When
the system’s central resource signals the system to stop the PCI clock by driving CLKRUN high, the PCI1031
either signals that it is acceptable to stop the PCI clock by not driving CLKRUN or signals to the system to keep
the clock running by pulling CLKRUN low.
The PCI1031 CLKRUN is multiplexed on the IRQ10 interrupt line. The PCI1031 clock run feature is enabled
by setting bit 0 in the system control register, 80h (see
system control register). Bit 0 enables/disables the PCI
clock run functionality of the multiplexed pin IRQ10/CLKRUN. Bit 1 of the system control register allows software
to enable the PCI1031 keep clock running mode to prevent the system from stopping the PCI clock. When bit
1 of the system control register is set, the PCI1031 signals back to the system to keep the PCI clock running
(not stop the clock). Figure 8 shows a diagram of the PCI bus clock states and the logic level of CLKRUN for
each state.
The PCI1031 signals the system to restart the clock when one of the following events occurs:
D A card is inserted or removed. The PCI1031 signals to start the PCI clock and generates a card
status-change interrupt on the CSC interrupt routing.
D A functional interrupt is generated by a PC Card. The PCI1031 signals to start the PCI clock and generates
a functional interrupt on the appropriate routing.
D A ring indicate (RI) signal is detected by PC Card16. The PCI1031 signals to start the PCI clock and a ring
indicate output (RI_OUT) signal is provided to the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com