Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 45 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 41Page - Texas Instruments PCI1031 Datasheet HTML 42Page - Texas Instruments PCI1031 Datasheet HTML 43Page - Texas Instruments PCI1031 Datasheet HTML 44Page - Texas Instruments PCI1031 Datasheet HTML 45Page - Texas Instruments PCI1031 Datasheet HTML 46Page - Texas Instruments PCI1031 Datasheet HTML 47Page - Texas Instruments PCI1031 Datasheet HTML 48Page - Texas Instruments PCI1031 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
I/O limit registers 0, 1
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
I/O limit registers 0, 1
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
I/O limit registers 0, 1
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
I/O limit registers 0, 1
Type:
Read only
Offset:
30h, 38h
Default:
0000 0000h
Description: This register is not used.
interrupt line register
Bit
7
6
5
4
3
2
1
0
Name
Interrupt line
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
1
1
1
1
1
1
1
1
Register:
Interrupt line
Type:
Read/write
Offset:
3Ch
Default:
FFh
Description: The contents of this register default to the FFh (the unknown condition).
interrupt pin register
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin
Type
R
R
R
R
R
R
R
R
Function 0 (socket A) default
0
0
0
0
0
0
0
1
Function 1 (socket B) default
0
0
0
0
0
0
1
0
Register:
Interrupt pin
Type:
Read only
Offset:
3Dh
Default:
01h for function 0 (socket A) and 02h for function 1 (socket B)
Description: This register is hardwired and writes to the register have no effect. The return values for the
register are 01h for function 0 (socket A) and 02h for function 1 (socket B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com