| Electronic Components Datasheet Search |
|
PCI1031 Datasheet(PDF) 96 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI1031 Datasheet(HTML) 96 Page - Texas Instruments |
|
96 / 100 page ![]() PCI1031 PCI-TO-PC CARD16 CONTROLLER UNIT SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997 96 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Table 52. PC Card Address Hold Time, th(A), 8-Bit and 16-Bit PCI Cycles WAIT-STATE BITS TS1 – 0 = 01 (PCLK/ns) I/O 2/60 Memory WS1 0 2/60 Memory WS1 1 3/90 timing requirements over recommended ranges of supply voltage and operating free-air temperature, memory cycles (for 100-ns common memory) (see Note 5 and Figure 17) ALTERNATE SYMBOL MIN MAX UNIT tsu Setup time, CE1 and CE2 before WE/OE low T1 60 ns tsu Setup time, CA25–CA0 before WE/OE low T2 tsu(A)+2PCLK ns tsu Setup time, REG before WE/OE low T3 90 ns tpd Propagation delay time, WE/OE low to WAIT low T4 ns tw Pulse duration, WE/OE low T5 200 ns th Hold time, WE/OE low after WAIT high T6 ns th Hold time, CE1 and CE2 after WE/OE high T7 120 ns tsu Setup time (read), CDATA15–CDATA0 valid before OE high T8 ns th Hold time (read), CDATA15–CDATA0 valid after OE high T9 0 ns th Hold time, CA25–CA0 and REG after WE/OE high T10 th(A)+1PCLK ns tsu Setup time (write), CDATA15–CDATA0 valid before WE low T11 60 ns th Hold time (write), CDATA15–CDATA0 valid after WE low T12 240 ns NOTE 5: These times are dependent on the register settings associated with ISA wait states and data size. They are also dependent on cycle type (read/write, memory/I/O) and WAIT from PC Card. The times listed here represent absolute minimums (the times that would be observed if programmed for zero wait state, 16-bit cycles) with a 33-MHz PCI clock. timing requirements over recommended ranges of supply voltage and operating free-air temperature, I/O cycles (see Figure 18) ALTERNATE SYMBOL MIN MAX UNIT tsu Setup time, REG before IORD/IOWR low T13 60 ns tsu Setup time, CE1 and CE2 before IORD/IOWR low T14 60 ns tsu Setup time, CA25–CA0 valid before IORD/IOWR low T15 tsu(A)+2PCLK ns tpd Propagation delay time, IOIS16 low after CA25–CA0 valid T16 35 ns tpd Propagation delay time, IORD low to WAIT low T17 35 ns tw Pulse duration, IORD/IOWR low T18 TcA ns th Hold time, IORD low after WAIT high T19 ns th Hold time, REG low after IORD high T20 0 ns th Hold time, CE1 and CE2 after IORD/IOWR high T21 120 ns th Hold time, CA25–CA0 after IORD/IOWR high T22 th(A)+1PCLK ns tsu Setup time (read), CDATA15–CDATA0 valid before IORD high T23 10 ns th Hold time (read), CDATA15–CDATA0 valid after IORD high T24 0 ns tsu Setup time (write), CDATA15–CDATA0 valid before IOWR low T25 90 ns th Hold time (write), CDATA15–CDATA0 valid after IOWR high T26 90 ns |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |