Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 11 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 7Page - Texas Instruments PCI1031 Datasheet HTML 8Page - Texas Instruments PCI1031 Datasheet HTML 9Page - Texas Instruments PCI1031 Datasheet HTML 10Page - Texas Instruments PCI1031 Datasheet HTML 11Page - Texas Instruments PCI1031 Datasheet HTML 12Page - Texas Instruments PCI1031 Datasheet HTML 13Page - Texas Instruments PCI1031 Datasheet HTML 14Page - Texas Instruments PCI1031 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
16-bit PC Card interface control signals (slots A and B)
TERMINAL
NUMBER
I/O
FUNCTION
NAME
SLOT
A†
SLOT
B‡
TYPE
FUNCTION
BVD1
(STSCHG/RI)
138
72
I
Battery voltage detect 1. Generated by 16-bit memory PC Cards that include batteries. BVD1
is used with BVD2 as an indication of the condition of the batteries on a memory PC Card. Both
BVD1 and BVD2 are kept high when the battery is good. When BVD2 is low and BVD1 is high,
the battery is weak and needs to be replaced. When BVD1 is low, the battery is no longer
serviceable and the data in the memory PC Card is lost. See
ExCA card status-change interrupt
configuration register for enable bits. See ExCA card status-change register and ExCA interface
status register for the status bits for this signal.
Status change. STSCHG is used to alert the system to a change in the READY, write protect,
or battery voltage dead condition of a 16-bit I/O PC Card.
Ring indicate. RI is used by 16-bit modem cards to indicate ring detection.
BVD2(SPKR)
137
71
I
Battery voltage detect 2. Generated by 16-bit memory PC Cards that include batteries. BVD2
is used with BVD1 as an indication of the condition of the batteries on a memory PC Card. Both
BVD1 and BVD2 are high when the battery is good. When BVD2 is low and BVD1 is high, the
battery is weak and needs to be replaced. When BVD1 is low, the battery is no longer
serviceable and the data in the memory PC Card is lost. See
ExCA card status-change interrupt
configuration register for enable bits. See ExCA card status-change register and ExCA interface
status register for the status bits for this signal.
Speaker. SPKR is an optional binary audio signal available only when the card and socket have
been configured for the 16-bit I / O interface. The audio signals from cards A and B can be
combined by the PCI1031 and output on SPKROUT.
DMA request. BVD2 can be used as the DMA request signal during DMA operations to a 16-bit
PC Card that supports DMA. If used, the PC Card asserts BVD2 to request a DMA operation.
CD1
CD2
82
140
16
74
I
PC Card detect 1 and PC Card detect 2. CD1 and CD2 are internally connected to ground on
the PC Card. When a PC Card is inserted into a socket, CD1 and CD2 are pulled low. For signal
status, see
ExCA interface status register.
CE1
CE2
94
97
28
30
O
Card enable 1 and card enable 2. CE1 and CE2 enable even- and odd-numbered address
bytes. CE1 enables even-numbered address bytes, and CE2 enables odd-numbered address
bytes.
INPACK
127
61
I
Input acknowledge. INPACK is asserted by the PC Card when it can respond to an I/O read cycle
at the current address.
DMA request. INPACK can be used as the DMA request signal during DMA operations to a
16-bit PC Card that supports DMA. If used, the PC Card asserts INPACK to indicate a request
for a DMA operation.
IORD
99
33
O
I/O read. IORD is asserted by the PCI1031 to enable 16-bit I/O PC Card data output during host
I/O read cycles.
DMA write. IORD is used as the DMA write strobe during DMA operations from a 16-bit PC Card
that supports DMA. The PCI1031 asserts IORD during DMA transfers from the PC Card to host
memory.
IOWR
101
35
O
I/O write. IOWR is driven low by the PCI1031 to strobe write data into 16-bit I/O PC Cards during
host I/O write cycles.
DMA read. IOWR is used as the DMA read strobe during DMA operations to a 16-bit PC Card
that supports DMA. The PCI1031 asserts IOWR during DMA transfers from host memory to the
PC Card.
OE
98
32
O
Output enable. OE is driven low by the PCI1031 to enable 16-bit memory PC Card data output
during host memory read cycles.
DMA terminal count. OE is used as terminal count (TC) during DMA operations to a 16-bit
PC Card that supports DMA. The PCI1031 asserts OE to indicate TC for a DMA write operation.
† Terminal name is preceded with A_. For example, the full name for terminal 138 is A_BVD1.
‡ Terminal name is preceded with B_. For example, the full name for terminal 72 is B_BVD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com