Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 79 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 79 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 75Page - Texas Instruments PCI1031 Datasheet HTML 76Page - Texas Instruments PCI1031 Datasheet HTML 77Page - Texas Instruments PCI1031 Datasheet HTML 78Page - Texas Instruments PCI1031 Datasheet HTML 79Page - Texas Instruments PCI1031 Datasheet HTML 80Page - Texas Instruments PCI1031 Datasheet HTML 81Page - Texas Instruments PCI1031 Datasheet HTML 82Page - Texas Instruments PCI1031 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
79
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
socket present state register
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Socket present state
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Socket present state
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
Register:
Socket present state
Type:
Read only (see individual bit descriptions)
Offset:
CardBus socket address + 08h
Default:
3000 0006h
Size:
Four bytes
Description: This register reports information about the socket interface. Writes to the socket force event
register are reflected here. Information about supported VCCs are hardwired (unless
overridden by the socket force event register), while information about PC Card VCC support
is dynamic and updated at each insertion. The PCI1031 uses CCD1 and CCD2 during card
identification, and changes on these signals during this operation are not reflected in
this register. Refer to Table 40 for a complete description of the register contents.
Table 40. Socket Present State Register
BIT
TYPE
FUNCTION
31
R
YVsocket. Bit 31 indicates whether or not the socket can supply VCC = Y.Y V to PC Cards. The PCI1031 does not support
Y.Y V VCC; therefore, bit 31 is always reset unless overridden by the socket force event register. Bit 31 is hardwired to 0.
30
R
XVsocket. Bit 30 indicates whether or not the socket can supply VCC = X.X V to PC Cards. The PCI1031 does not support
X.X V VCC; therefore, bit 30 is always reset unless overridden by the socket force event register. Bit 30 is hardwired to 0.
29
R
3Vsocket. Bit 29 indicates whether or not the socket can supply VCC = 3.3 V to PC Cards. The PCI1031 supports 3.3-V
VCC; therefore, bit 29 is always set unless overridden by the device control register. Bit 29 is encoded as:
0 = Socket cannot supply VCC = 3.3 V.
1 = Socket can supply VCC = 3.3 V (default).
28
R
5Vsocket. Bit 28 indicates whether or not the socket can supply VCC = 5.0 V to PC Cards. The PCI1031 supports 5.0-V
VCC; therefore, bit 28 is always set unless overridden by the device control register. Bit 28 is encoded as:
0 = Socket cannot supply VCC = 5.0 V.
1 = Socket can supply VCC = 5.0 V (default).
27–14
R
Reserved. Bits 27–14 are read only and return 0s when read. Writes have no effect.
13
R
YVCard. Bit 13 indicates whether or not the PC Card currently inserted in the socket supports VCC = Y.Y V. Bit 13 is
encoded as:
0 = PC Card does not function at VCC = Y.Y V (default).
1 = PC Card functions at VCC = Y.Y V.
12
R
XVCard. Bit 12 indicates whether or not the PC Card currently inserted in the socket supports VCC = X.X V. Bit 12 is
encoded as:
0 = PC Card does not function at VCC = X.X V (default).
1 = PC Card functions at VCC = X.X V.
11
R
3VCard. Bit 11 indicates whether or not the PC Card currently inserted in the socket supports VCC = 3.3 V. Bit 11 is encoded
as:
0 = PC Card does not function at VCC = 3.3 V (default).
1 = PC Card functions at VCC = 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com