Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 17 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 13Page - Texas Instruments PCI1031 Datasheet HTML 14Page - Texas Instruments PCI1031 Datasheet HTML 15Page - Texas Instruments PCI1031 Datasheet HTML 16Page - Texas Instruments PCI1031 Datasheet HTML 17Page - Texas Instruments PCI1031 Datasheet HTML 18Page - Texas Instruments PCI1031 Datasheet HTML 19Page - Texas Instruments PCI1031 Datasheet HTML 20Page - Texas Instruments PCI1031 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PC Cards
The 1995 PC Card standard provides a hardware- and software-interface standard for connecting
credit-card-sized memory and I/O cards to personal computers. By implementing compliant card slots, PC
manufacturers allow customers to use industry-standard PCMCIA memory and I/O cards from many different
vendors. The 1995 PC Card standard defines 16-bit and 32-bit PC Cards. The 16-bit PC Cards are an extension
of the PCMCIA 2.1/JEIDA 4.1 standards and are sometimes referred to as 16-bit cards or as R2 cards. The
32-bit PC Cards are a newly defined architecture called CardBus cards, with all 60 signals on the PC Card
interface redefined for a synchronous, 32-bit bus environment patterned after PCI.
PC Card insertion/removal and recognition
Prior to the PCMCIA 1995 PC Card standard, only two types of PC Cards existed: 16-bit memory cards and
16-bit I/O cards. Both types of cards were designed for 5-V VCC supply, and could be hot-inserted into a fully
powered socket. Upon insertion, 16-bit I/O cards were required to use the memory card signaling conventions
until host software had read the card information structure (CIS) and switched the socket and card to an
I/O mode.
The 1995 PC Card standard introduced several features, such as CardBus and 3.3-V/5-V card support, which
have challenged the idea of hot insertion and introduced a new card recognition scheme. Both CardBus cards
and 16-bit PC Cards can now be designed for 3.3-V VCC supply, which offers power savings, but could result
in card damage if such a card were inserted into a socket powered at 5 V. Similarly, the socket can no longer
automatically power a PC Card to 5-V VCC, so a method of detecting the voltage requirements and card type
is needed. The 1995 PC Card standard addresses this by describing an interrogation procedure that the socket
must initiate upon card insertion into a cold, unpowered socket.
This scheme uses the card CD1, CD2, VS1 and VS2 signals (called CCD1, CCD2, CVS1, and CVS2 for
CardBus cards). A PC Card designer connects these four pins in a certain configuration, depending on the type
of card (16-bit or CardBus) and the supply voltage (5 V, 3.3 V, X.X V, and/or Y.Y V). The encoding scheme for
this is defined in the 1995 PC Card standard and in Table 4.
Table 4. PC Card Card Detect and Voltage Sense Connections
CD2//CCD2
CD1//CCD1
VS2//CVS2
VS1//CVS1
KEY
INTERFACE
VOLTAGE
Ground
Ground
Open
Open
5 V
16-bit PC Card
5 V
Ground
Ground
Open
Ground
5 V
16-bit PC Card
5 V and 3.3 V
Ground
Ground
Ground
Ground
5 V
16-bit PC Card
5 V, 3.3 V, and X.X V
Ground
Ground
Open
Ground
LV
16-bit PC Card
3.3 V
Ground
Connect to CVS1
Open
Connect to CCD1
LV
CardBus PC Card
3.3 V
Ground
Ground
Ground
Ground
LV
16-bit PC Card
3.3 V and X.X V
Connect to CVS2
Ground
Connect to CCD2
Ground
LV
CardBus PC Card
3.3 V and X.X V
Connect to CVS1
Ground
Ground
Connect to CCD2
LV
CardBus PC Card
3.3 V, X.X V, and Y.Y V
Ground
Ground
Ground
Open
LV
16-bit PC Card
X.X V
Connect to CVS2
Ground
Connect to CCD2
Open
LV
CardBus PC Card
X.X V
Ground
Connect to CVS2
Connect to CCD1
Open
LV
CardBus PC Card
X.X V and Y.Y V
Connect to CVS1
Ground
Open
Connect to CCD2
LV
CardBus PC Card
Y.Y V
Ground
Connect to CVS1
Ground
Connect to CCD1
Reserved
Ground
Connect to CVS2
Connect to CCD1
Ground
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com