Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 20Page - Texas Instruments PCI1031 Datasheet HTML 21Page - Texas Instruments PCI1031 Datasheet HTML 22Page - Texas Instruments PCI1031 Datasheet HTML 23Page - Texas Instruments PCI1031 Datasheet HTML 24Page - Texas Instruments PCI1031 Datasheet HTML 25Page - Texas Instruments PCI1031 Datasheet HTML 26Page - Texas Instruments PCI1031 Datasheet HTML 27Page - Texas Instruments PCI1031 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional and CSC interrupts (continued)
When an interrupt is signaled by the PCI1031, the interrupt service routine must be able to discern which of the
events in Table 8 caused the interrupt. This is of particular interest with CSC interrupts, where a variety of events
at the card interface can cause interrupts. Internal registers in the PCI1031 provide flags that report to the host
interrupt service routine which of the interrupt sources was the cause of an interrupt. By first reading these status
bits, the interrupt service routine can determine which action to take.
Table 8 describes the valid PC Card interrupt events and details the internal PCI1031 registers associated with
masking and reporting them.
Table 8. PC Card Interrupt Mask and Flag Registers
CARD TYPE
EVENT
MASK
FLAG
16-bit memory
Battery conditions
(BVD1, BVD2)
ExCA offset 05h/45h/805h, Bits 1 and 0
ExCA offset 04h/44h/804h, Bits 1 and 0
y
Wait states (READY)
ExCA offset 05h/45h/805h, Bit 2
ExCA offset 04h/44h/804h, Bit 2
16 bit I/O
Change in card status
(STSCHG)
ExCA offset 05h/45h/805h, Bit 0
Always enabled
ExCA offset 04h/44h/804h, Bit 0
16-bit I/O
Interrupt request (IREQ)
Power cycle complete
Always enabled
PCI configuration offset 91h, Bit 0
All PC Cards
Card insertion or removal
Socket mask register, Bits 2 and 1
Socket event register, Bits 2 and 1
ExCA offset 04h/44h/804h, Bit 3
There are various methods of clearing the interrupt flag bit. ExCA provides two methods to clear 16-bit
PC Card-related interrupt flags. One is a write of 1 to the bit in question, and the other is a read from the register.
This selection is made by bit 2 in ExCA offset 1Eh/5Eh/81Eh (see
ExCA I/O window 0–1 offset-address
high-byte register).
There is a single exception to Table 8, when PCI interrupt signaling is used. The enable/disable bits for
functional and CSC interrupts are found in separate registers in PCI configuration register 91h, bits 4 and 3 (see
card control register). Refer to the section on PCI interrupt signaling for details.
ISA IRQ interrupts
NOTE:
All unused interrupt pins should be pulled high by a 43-k
Ω resistor.
Among the PCI1031 interrupt signaling schemes is the traditional ISA IRQ signaling, available in most x86 PCs.
Dedicated terminals on the PCI1031 can be used to assert 10 of the 15 ISA IRQs: IRQ3, IRQ4, IRQ5, IRQ7,
IRQ9, IRQ10, IRQ11, IRQ12, IRQ14, and IRQ15. These IRQs represent the common interrupts expected by
PC Card applications and several free IRQs for CSC routing.
In a system using ISA IRQs, the host software must first configure the PCI1031 to use ISA signaling by setting
bits 2–1 of PCI configuration register, offset 92h, to 01b (see
device control register). The ten IRQ terminals
remain in the high-impedance state until the ExCA Card CSC and functional interrupt routing registers are set
to a valid state. The step-by-step series of events that host software must follow to successfully configure the
PCI1031 for ISA IRQ signaling follows. These steps assume that the system has powered up and RSTIN is high
(deasserted). In cases where only selected bits of a register are to be modified, host software must leave the
remaining register bits unchanged by reading the current contents of the register first, modifying the desired bits,
then writing the new value back to the respective PCI1031 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com