Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 17Page - Texas Instruments PCI1031 Datasheet HTML 18Page - Texas Instruments PCI1031 Datasheet HTML 19Page - Texas Instruments PCI1031 Datasheet HTML 20Page - Texas Instruments PCI1031 Datasheet HTML 21Page - Texas Instruments PCI1031 Datasheet HTML 22Page - Texas Instruments PCI1031 Datasheet HTML 23Page - Texas Instruments PCI1031 Datasheet HTML 24Page - Texas Instruments PCI1031 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 5. ExCA Registers (Continued)
REGISTER NAME
STATUS
CONTROL
MEMORY
WINDOW
I/O
WINDOW
ExCA
OFFSET
Memory window 3 start-address low byte
X
28
Memory window 3 start-address high byte
X
29
Memory window 3 end-address low byte
X
2A
Memory window 3 end-address high byte
X
2B
Memory window 3 offset-address low byte
X
2C
Memory window 3 offset-address high byte
X
2D
Reserved
2E
Reserved
2F
Memory window 4 start-address low byte
X
30
Memory window 4 start-address high byte
X
31
Memory window 4 end-address low byte
X
32
Memory window 4 end-address high byte
X
33
Memory window 4 offset-address low byte
X
34
Memory window 4 offset-address high byte
X
35
I/O window 0 offset-address low byte
X
36
I/O window 0 offset-address high byte
X
37
I/O window 1 offset-address low byte
X
38
I/O window 1 offset-address high byte
X
39
Reserved
3A
Reserved
3B
Reserved
—
Reserved
3D
Reserved
3E
Reserved
3F
Memory window 0–4 page
X
N/A†
† The memory window page register is mapped by the CardBus socket register/ExCA register base address register into PCI memory space.
TPS2206 PC Card power control interface
The attribute of PC Card technology that enables PC Cards to be inserted and removed in a system during run
time requires that power to the PC Card sockets be managed. The TI TPS2206 PC Card power switch performs
this duty by switching VCC and VPP to two card sockets under the control of the PCI1031. Another TI power
switch, the TPS2202A, also can be used. Both the TPS2206 and TPS2202A are pin compatible and provide
the same signaling interface to the PCI1031. The TPS2202A provides RESET and RESET pins that allow the
socket VCC and VPP to be shut down via external control from either system reset or a power supervisory device
in the system. References in this document to the TPS2206 apply identically to the TPS2202A device.
The PCI1031 and TPS2206 communicate via a 3-line serial interface called P2C (PCMCIA peripheral control).
This serial interface is a significant savings in pin count over the 8-line signaling convention. The P2C signaling
is transparent to host software; the PCI1031 generates the proper signal protocols when its internal VCC/VPP
control registers are written. Figure 3 illustrates the protocol used to communicate from the PCI1031 to
the TPS2206.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com