Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 67 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 67 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 63Page - Texas Instruments PCI1031 Datasheet HTML 64Page - Texas Instruments PCI1031 Datasheet HTML 65Page - Texas Instruments PCI1031 Datasheet HTML 66Page - Texas Instruments PCI1031 Datasheet HTML 67Page - Texas Instruments PCI1031 Datasheet HTML 68Page - Texas Instruments PCI1031 Datasheet HTML 69Page - Texas Instruments PCI1031 Datasheet HTML 70Page - Texas Instruments PCI1031 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
67
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA memory window 0–4 start-address low-byte register (index 10h, 18h, 20h, 28h, 30h)
Register:
ExCA memory window 0 start-address low byte
Offset:
CardBus socket address + 810h; Card A ExCA offset 10h
Card B ExCA offset 50h
Register:
ExCA memory window 1 start-address low byte
Offset:
CardBus socket address + 818h; Card A ExCA offset 18h
Card B ExCA offset 58h
Register:
ExCA memory window 2 start-address low byte
Offset:
CardBus socket address + 820h; Card A ExCA offset 20h
Card B ExCA offset 60h
Register:
ExCA memory window 3 start-address low byte
Offset:
CardBus socket address + 828h; Card A ExCA offset 28h
Card B ExCA offset 68h
Register:
ExCA memory window 4 start-address low byte
Offset:
CardBus socket address + 830h; Card A ExCA offset 30h
Card B ExCA offset 70h
Type:
Read/write
Default:
00h
Size:
One byte
Description: These registers contain the low byte of the memory window start address for memory
windows 0, 1, 2, 3, and 4. The eight bits of these registers correspond to bits A19–A12 of the
start address.
ExCA memory window 0–4 start-address high-byte register (index 11h, 19h, 21h, 29h, 31h)
Register:
ExCA memory window 0 start-address high byte
Offset:
CardBus socket address + 811h; Card A ExCA offset 11h
Card B ExCA offset 51h
Register:
ExCA memory window 1 start-address high byte
Offset:
CardBus socket address + 819h; Card A ExCA offset 19h
Card B ExCA offset 59h
Register:
ExCA memory window 2 start-address high byte
Offset:
CardBus socket address + 821h; Card A ExCA offset 21h
Card B ExCA offset 61h
Register:
ExCA memory window 3 start-address high byte
Offset:
CardBus socket address + 829h; Card A ExCA offset 29h
Card B ExCA offset 69h
Register:
ExCA memory window 4 start-address high byte
Offset:
CardBus socket address + 831h; Card A ExCA offset 31h
Card B ExCA offset 71h
Type:
Read/write (see individual bit descriptions)
Default:
00h
Size:
One byte
Description: These registers contain the high byte of the memory window start address for memory
windows 0, 1, 2, 3, and 4. In addition, the memory window data width and wait states are set in
this register. Refer to Table 32 for a complete description of the register contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com