Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 27 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 23Page - Texas Instruments PCI1031 Datasheet HTML 24Page - Texas Instruments PCI1031 Datasheet HTML 25Page - Texas Instruments PCI1031 Datasheet HTML 26Page - Texas Instruments PCI1031 Datasheet HTML 27Page - Texas Instruments PCI1031 Datasheet HTML 28Page - Texas Instruments PCI1031 Datasheet HTML 29Page - Texas Instruments PCI1031 Datasheet HTML 30Page - Texas Instruments PCI1031 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
serialized IRQ signaling (continued)
1.
Set bits 2–1 of PCI device control register 92h (function 0) to 10b.
2.
Write to the upper nibble of ExCA register 05h/45h/805h for desired CSC routing for each socket (all 15 IRQs
are available for routing when serialized IRQ signaling has been selected).
3.
If a PC Card is installed in the socket and requires functional interrupts, write to the lower nibble of ExCA
register 03h/43h/803h for desired functional interrupt routing for the socket.
4.
Using Table 8, write to the appropriate mask register bits to enable interrupt generation for desired events.
5.
On card-removal events, host software should unroute any functional interrupts that were set for that
socket.
6.
Upon card-insertion events, host software should reconfigure the mask and routing registers to support the
new card requirements.
PCI clock run
The PCI1031 supports PCI clock run (CLKRUN). CLKRUN is an optional signal that is used as an input to
determine the status of CLK as an open-drain output to request the CLK to restart or to speed up. PCI CLKRUN
is enabled by setting bit 0 in the system control register (see
system control register). When the PCI clock
resource manager informs the PCI1031 that the PCI clock is stopped or slowed, the PCI1031 ensures that no
transactions are in progress for either of the two PC Card sockets before allowing the clock resource manager
to stop or slow the PCI clock. CLKRUN shares the IRQ10 pin on the PCI1031. See
system control register for
information on configuring the clock run option.
CLKRUN configuration
Bits 1–0 in the TI extension registers at offset 80h are used to enable and configure CLKRUN. Bit 0 enables
CLKRUN. Bit 1, when set, keeps the PCI clock running in response to a PCI CLKRUN deassertion (see
system
control register).
conditions for stopping/slowing the PCI clock
Before allowing the central resource to slow or stop the PCI clock, the following conditions are checked:
D The PCI CLKRUN enable bit is set and the KEEP CLOCK bit is cleared (see system control register, bit 1).
D Neither socket is in the process of powering up or powering down.
D The 16-bit resource managers are not busy.
D The PCI master is not busy.
D No socket interrogation is underway.
D No card interrupts are pending.
conditions for restarting the PCI clock
The PCI clock restarts when any PC Card is installed in a socket or removed from a socket. For 16-bit cards,
if the PCI clock stops or slows, the PCI1031 requests that the clock be restarted under the following conditions:
D A 16-bit I/O card asserts IREQ.
D A 16-bit I/O card asserts STSCHG/RI.
D A 16-bit DMA card asserts DREQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com