Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 14 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 10Page - Texas Instruments PCI1031 Datasheet HTML 11Page - Texas Instruments PCI1031 Datasheet HTML 12Page - Texas Instruments PCI1031 Datasheet HTML 13Page - Texas Instruments PCI1031 Datasheet HTML 14Page - Texas Instruments PCI1031 Datasheet HTML 15Page - Texas Instruments PCI1031 Datasheet HTML 16Page - Texas Instruments PCI1031 Datasheet HTML 17Page - Texas Instruments PCI1031 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PCI interface
This section describes the PCI interface of the PCI1031, how the device responds and participates in PCI bus
cycles, and how the major internal registers appear in the PCI address space. The PCI1031 provides all required
signals for PCI master/slave (initiator/target) devices, and can operate in either 5-V or 3.3-V PCI signaling
environments by connecting the two VCCP terminals to the desired switching level.
The PCI1031 is a true multifunction PCI device, with two different PCI functions residing within the device. PCI
function 0 is associated with PC Card socket A and PCI function 1 is associated with PC Card socket B. The
PCI1031 behaves in accordance to the PCI specification for multifunction devices. Functions 0 and 1 have
separately addressable PCI configuration headers, and can use PCI INTA and INTB, respectively.
The PCI1031 responds as a PCI target device to PCI bus cycles based on its decode of the address phase of
each cycle and internal register settings of the device. Table 3 lists the valid PCI bus cycles and their encoding
on the 4-bit C/BE bus during the address phase of a bus cycle. The most common PCI bus commands are read
and write cycles to one of the three PCI address spaces: memory, I/O, and configuration address spaces.
Table 3. PCI Command Definition
C/BE3–C/BE0
COMMAND
0000
Interrupt acknowledge
0001
Special cycle
0010
I/O read
0011
I/O write
0100
Reserved
0101
Reserved
0110
Memory read
0111
Memory write
1000
Reserved
1001
Reserved
1010
Configuration read
1011
Configuration write
1100
Memory read multiple
1101
Dual address cycle
1110
Memory read line
1111
Memory write and invalidate
The PCI1031 never responds as a PCI target device to the interrupt acknowledge, special cycle, dual address
cycle, or reserved commands, nor will it initiate them as a PCI master device. The remaining PCI commands
address one of the three PCI address spaces mentioned earlier, and each is described in the following three
sections. The PCI1031 accepts PCI cycles by asserting DEVSEL as a medium-speed device.
The ability of the PCI1031 to respond to PCI memory or I/O bus cycles is dictated by register bits in the PCI
command register (see
PCI command). This register is located in the PCI configuration header at offset 04h
and is required by the PCI local bus specification. Bits 0 and 1 of this register enable the PCI1031 to respond
to I/O and memory cycles, respectively. Host software must set these bits during initialization of the device. Bit 2
of this register enables/disables the bus-mastering capability of the PCI1031 on the PCI bus. Host software must
also set this bit during device initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com