Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 72 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 72 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 68Page - Texas Instruments PCI1031 Datasheet HTML 69Page - Texas Instruments PCI1031 Datasheet HTML 70Page - Texas Instruments PCI1031 Datasheet HTML 71Page - Texas Instruments PCI1031 Datasheet HTML 72Page - Texas Instruments PCI1031 Datasheet HTML 73Page - Texas Instruments PCI1031 Datasheet HTML 74Page - Texas Instruments PCI1031 Datasheet HTML 75Page - Texas Instruments PCI1031 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
72
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA card detect and general control register (index 16h, 56h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA card detect and general control
Type
R
R
W
R/W
R
R
R/W
R
Default
X
X
0
0
0
0
0
0
Register:
ExCA card detect and general control
Type:
Read only, write only, read/write (see individual bit descriptions)
Offset:
CardBus socket address + 816h; Card A ExCA offset 16h
Card B ExCA offset 56h
Default:
XX00 0000b
Description: This register controls how the ExCA registers for the socket respond to card removal, as well
as reporting the status of the VS1 and VS2 signals at the PC Card interface. Refer to Table 35
for a complete description of the register contents.
Table 35. ExCA Card Detect and General Control Register (Index 16h, 56h)
BIT
TYPE
FUNCTION
7
R
VS2. Bit 7 reports the current state of the VS2 signal at the PC Card interface and does not have a default value. Bit 7
is encoded as:
0 = VS2 is low.
1 = VS2 is high.
6
R
VS1. Bit 6 reports the current state of the VS1 signal at the PC Card interface and does not have a default value. Bit 6
is encoded as:
0 = VS1 is low.
1 = VS1 is high.
5
W
Software card detect interrupt. If the card detect enable bit in the ExCA card status-change interrupt configuration register
(see
ExCA card status-change interrupt configuration register) is set, writing a 1 to bit 5 causes a card detect card status
change interrupt for the associated card socket. If the card detect enable bit is cleared to 0 in the card status-change
interrupt configuration register, writing a 1 to the software card detect interrupt bit has no effect. Bit 5 is write only. A read
operation of this bit always returns 0. Bit 5 is encoded as:
0 = Software card detect interrupt disabled (default)
1 = Software card detect interrupt enabled
4
R/W
Card detect resume enable. If bit 4 is set to 1 and a card detect change has been detected on the CD1 and CD2 inputs,
RI_OUT output goes from high to low. The RI_OUT remains low until the card status-change bit in the ExCA card
status-change register (see
ExCA card status-change register) is cleared. If bit 4 is a 0, the card detect resume
functionality is disabled. Bit 4 is encoded as:
0 = Card detect resume disabled (default)
1 = Card detect resume enabled
3–2
R
Reserved. Bits 3–2 are read only and return 0s when read.
1
R/W
Register configuration upon card removal. Bit 1 determines how the ExCA registers for the socket react to a card removal
event. Bit 1 is encoded as:
0 = No change to ExCA registers upon card removal (default)
1 = Reset ExCA registers upon card removal
0
R
Reserved. Bit 0 is read only and returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com