Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 30 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 26Page - Texas Instruments PCI1031 Datasheet HTML 27Page - Texas Instruments PCI1031 Datasheet HTML 28Page - Texas Instruments PCI1031 Datasheet HTML 29Page - Texas Instruments PCI1031 Datasheet HTML 30Page - Texas Instruments PCI1031 Datasheet HTML 31Page - Texas Instruments PCI1031 Datasheet HTML 32Page - Texas Instruments PCI1031 Datasheet HTML 33Page - Texas Instruments PCI1031 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DMA transfers (continued)
PCI I/O read and write cycles to the DMA registers are accepted and serviced during DMA transfers. If, while
a DMA transfer is in progress, the host resets the DMA channel, the PCI1031 asserts TC and ends the PC Card
cycle(s). TC is indicated in the DMA status register. At the PC Card interface, the PCI1031 supports demand
mode transfers. The PCI1031 asserts DACK the entire duration of the transfer unless DREQ is high
(deasserted) before TC. There is no performance penalty for long wait states during this mode of operation as
there is in the legacy ISA system, because the DMA channel is a dedicated resource localized at the
PC Card socket.
PC/PCI DMA
The PC/PCI DMA protocol provides a way for legacy I/O devices to do DMA transfers on the PCI bus in systems
equipped with the Intel MPIIX. The Intel MPIIX supports PC/PCI DMA expansion for docking station applications
where I/O devices require DMA transfers between the docking station PCI bus or extended I/O bus and a PCI
bus in the notebook docking computer.
In the PC/PCI DMA protocol, the PCI1031 acts as a PCI slave device. The Intel MPIIX DMA controller uses
request/grant pairs, REQ[A–B] and GNT[A–B], which are configured to support a PCI DMA slave device such
as the PCI1031. The Intel MPIIX REQ and GNT pins correspond to the PCI1031 IRQ7 and IRQ11 pins,
respectively. Under the PC/PCI protocol, a PCI DMA slave device requests a DMA transfer using a serialized
protocol on REQ. The Intel MPIIX, as a bus master, arbitrates for the PCI bus. When the Intel MPIIX gets control
of the PCI bus, it asserts GNT on the PCI1031 and, for the selected DMA channel, runs the DMA I/O cycles and
memory cycles on the PCI bus.
PC/PCI DMA is enabled for each PC Card16 slot by setting bit 19 in the respective system control register (see
Table 16). On power up, bit 19 is cleared, disabling PC/PCI DMA. Bit 3 of each PCI1031 system control register
is a global PC/PCI enable bit. When bit 3 is set, the PCI1031 can request a DMA transfer by asserting IRQ7
(REQ) and encoding the channel request information using the serialized protocol. When the Intel MPIIX gets
control of the PCI bus, it encodes the granted channel on the PCI1031 IRQ11 (GNT) pin. On power up, bit 3
is cleared and PC/PCI DMA is disabled. When the PCI1031 receives a GNT signal, it looks at the DMA I/O
address to determine the type of transfer. The cycle types are as follows:
DMA I/O ADDRESS
DMA CYCLE TYPE
TERMINAL COUNT
PCI CYCLE TYPE
00h
Normal
0
I/O read/write
04h
Normal TC
1
I/O read/write
C0h
Verify
0
I/O read
C4h
Verify TC
1
I/O read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com