Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 40 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 36Page - Texas Instruments PCI1031 Datasheet HTML 37Page - Texas Instruments PCI1031 Datasheet HTML 38Page - Texas Instruments PCI1031 Datasheet HTML 39Page - Texas Instruments PCI1031 Datasheet HTML 40Page - Texas Instruments PCI1031 Datasheet HTML 41Page - Texas Instruments PCI1031 Datasheet HTML 42Page - Texas Instruments PCI1031 Datasheet HTML 43Page - Texas Instruments PCI1031 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 14. PCI Status Register
BIT
TYPE
FUNCTION
15
R/W
Parity error status
0 = PCI1031 does not detect a parity error (default).
1 = PCI1031 detects a parity error.
14
R/W
System error status
0 = PCI1031 does not generate a system error on the SERR line (default).
1 = PCI1031 generates a system error on the SERR line.
13
R/W
Initiator abort status
0 = A bus initiator abort does not terminate a bus initiator’s transaction (default).
1 = A bus initiator abort terminates a bus initiator’s transaction.
12
R/W
Target abort status. A target abort terminates a PCI1031 bus master transaction.
0 = A target abort does not terminate a PCI1031 bus master transaction (default).
1 = A target abort terminates a bus master transaction.
11
R/W
Target abort status. The PCI1031 target abort terminates a bus master transaction.
0 = A PCI1031 target abort does not terminate a bus master transaction (default).
1 = A PCI1031 target abort terminates a bus master transaction.
10–9
R
Device select timing status. Bits 10–9 are encoded with the DEVSEL timing. These read-only bits are hardwired as 01b,
indicating a medium-speed device.
8
R/W
Data parity status
0 = No data parity errors occur (default).
1 = Data parity errors occur; the following conditions are met:
a. PERR is asserted by the bus initiator or the bus initiator observed PERR asserted.
b. The agent that set the bit is the bus initiator during the transaction when the error occurred.
c. Parity error response (bit 6 in the command register) is enabled.
7
R
Fast back-to-back capable. The PCI1031 cannot accept fast back-to-back transactions; therefore, bit 7 is hardwired to 0.
6
R
User-definable feature (UDF) support. The PCI1031 does not support the UDF option; therefore, bit 6 is hardwired to 0.
5
R
66 MHz capable. The PCI1031 operates at a maximum frequency of 33 MHz; therefore, bit 5 is hardwired to 0.
4–0
R
Reserved. Bits 4–0 are read only alnd return 0s when read. Writes have no effect.
PCI revision ID register
Bit
7
6
5
4
3
2
1
0
Name
PCI revision ID
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
PCI revision ID
Type:
Read only
Offset:
08h
Default:
02h
Description: The PCI revision ID register is selected by TI and indicates the silicon revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com