Electronic Components Datasheet Search
  English  ▼

X  

PCI1031 Datasheet(PDF) 83 Page - Texas Instruments

Part # PCI1031
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 Datasheet(HTML) 83 Page - Texas Instruments

Back Button PCI1031 Datasheet HTML 79Page - Texas Instruments PCI1031 Datasheet HTML 80Page - Texas Instruments PCI1031 Datasheet HTML 81Page - Texas Instruments PCI1031 Datasheet HTML 82Page - Texas Instruments PCI1031 Datasheet HTML 83Page - Texas Instruments PCI1031 Datasheet HTML 84Page - Texas Instruments PCI1031 Datasheet HTML 85Page - Texas Instruments PCI1031 Datasheet HTML 86Page - Texas Instruments PCI1031 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
83
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
test register (reserved)
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Test
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Test
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Test
Type:
Read only, write only, nonfunctional (see individual bit descriptions)
Offset:
CardBus socket address + 20h
Default:
0000h
Size:
Four bytes
Description: This register provides control over power management for the socket. It provides a
mechanism for slowing or stopping the clock on the card interface when the card is idle. Refer
to Table 43 for a complete description of the register contents.
Table 43. Test Register
BIT
TYPE
FUNCTION
31–26
R
Reserved. Bits 31–26 are read only and return 0s when read.
25
R
Socket access status (nonfunctional)
24
R
Socket mode status bit (nonfunctional)
23–17
R
Reserved. Bits 23–17 are read only and return 0s when read.
16
R/W
CardBus PC Card clock control enable bit (nonfunctional)
15–1
R
Reserved. Bits 15–1 are read only and return 0s when read.
0
R/W
CardBus PC Card clock control bit (nonfunctional)
DMA registers
The DMA base address register, located in PCI configuration space at offset 98h (see
socket DMA register 0),
points to a 16-byte region in PCI I/O space where the DMA registers reside. The names and locations of these
registers are summarized in Table 44. These registers are identical in function, but different in location, to the
8237 DMA controller. The similarity between the register models retains some level of compatibility with legacy
DMA and simplifies the translation required by the master DMA device when forwarding legacy DMA writes to
DMA channels.
While the DMA register definitions are identical to those in the 8237 DMA controller, some register bits defined
in the 8237 DMA controller do not apply to distributed DMA in a PCI environment. In such cases, the PCI1031
implements these obsolete register bits as read-only nonfunctional bits. The reserved registers shown in
Table 44 are implemented as read only, and return 0s when read. Writes to reserved registers have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com