Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 154Page - Renesas Technology Corp DA6021 Datasheet HTML 155Page - Renesas Technology Corp DA6021 Datasheet HTML 156Page - Renesas Technology Corp DA6021 Datasheet HTML 157Page - Renesas Technology Corp DA6021 Datasheet HTML 158Page - Renesas Technology Corp DA6021 Datasheet HTML 159Page - Renesas Technology Corp DA6021 Datasheet HTML 160Page - Renesas Technology Corp DA6021 Datasheet HTML 161Page - Renesas Technology Corp DA6021 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
158 of 224
www.dialog-semiconductor.com
SVTM Block Diagram
16.2
Figure 66: SVTM Block Diagram
Each specific implementation will connect the SVTM output as they deem appropriate except the PROCHOT_B
and IRQ which must be connected to the SoC.
Functional Description
16.3
The SVTM will react on voltage comparators placed on the VSYS node and comparators related to the bandgap
module (this is related to temperature thresholds). In addition it will react to the measurements results from the
ADC according to the programmed values.
VSYS Input Trip Points for ADC Measurement
16.3.1
There are three configurable independent VSYS trip points:
VWARNA: Warning zone A trip point. Will assert the DISA signal and interrupts the SoC when the
level crosses below and above the trip point for longer than the programmed value.
VWARNB: Warning zone B trip point. Will assert the DISB signal and interrupts the SoC when the
level crosses below and above the trip point for longer than the programmed value.
VCRIT: Warning zone CRITICAL trip point. Will assert the DISCRIT signal and interrupts the SoC
when the level crosses below and above the trip point for longer than the programmed value.
All the settings can be programmed via the configuration registers. It is assumed that these thresholds are
programmed as VWARNA > VWARNB > VCRIT.
VSYS monitoring will only be executed while being in SoC_S0 state.
SVTM
DISA
DISCRIT
DISB
SoC
Subsystem A
Subsystem B
Subsystem C
ADC
PMIC
BG
SYS0
BAT1
BAT0
SYS1
SYS2
VSYS
REF
Under &
over voltage
Overtemp &
Temp warning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com