Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 156Page - Renesas Technology Corp DA6021 Datasheet HTML 157Page - Renesas Technology Corp DA6021 Datasheet HTML 158Page - Renesas Technology Corp DA6021 Datasheet HTML 159Page - Renesas Technology Corp DA6021 Datasheet HTML 160Page - Renesas Technology Corp DA6021 Datasheet HTML 161Page - Renesas Technology Corp DA6021 Datasheet HTML 162Page - Renesas Technology Corp DA6021 Datasheet HTML 163Page - Renesas Technology Corp DA6021 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
160 of 224
www.dialog-semiconductor.com
Register Name
VCRIT_CFG
Address
0xB6
page 1
Read/Write
Reset Value 0x06
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
VCRIT_DEB[2:0]
VCRITSDWNEN
VCRIT_EN
VCRIT[2:0]
VCRIT[2:0]
000
001
010
011
100
101
110
111
3.3V
3.2V
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
VCRIT_EN
0
1
VCRIT logic disable
VCRIT logic enable
VCRITSDWNEN
0
1
DA6021 shuts down when VSYS is below threshold in VCRIT[2:0]
Disable
enable
VCRIT_DEB[2:0]
000
001
010
011
100
101
110
111
2 fast clock cycles
3 fast clock cycles
4 fast clock cycles
5 fast clock cycles
6 fast clock cycles
7 fast clock cycles
10 fast clock cycles
20 fast clock cycles
VSYS Related Output Control
16.3.2
The DA6021 outputs DISA, DISB, DISCRIT are directly derived from the current platform status and the register
settings.
The PROCCHOT_B signal is derived from a several input criterias as DA6021 on-die, battery and system
temperature as well as battery voltage drop. In order to make decision, the corresponding result registers on the
ADC side will be accessible (in static way) for reading from the SVTM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com