Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 157Page - Renesas Technology Corp DA6021 Datasheet HTML 158Page - Renesas Technology Corp DA6021 Datasheet HTML 159Page - Renesas Technology Corp DA6021 Datasheet HTML 160Page - Renesas Technology Corp DA6021 Datasheet HTML 161Page - Renesas Technology Corp DA6021 Datasheet HTML 162Page - Renesas Technology Corp DA6021 Datasheet HTML 163Page - Renesas Technology Corp DA6021 Datasheet HTML 164Page - Renesas Technology Corp DA6021 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
161 of 224
www.dialog-semiconductor.com
Figure 67: BCU Warning Flag Generation
There is a possibility to disable and change the polarity of a certain output via BEH register setting. In addition it
is possible to have a sticky output so under certain conditions an output is asserted, the output value is
maintained even when the condition is not valid.. The sticky function is selected with the ST bit and is cleared
with the CL bit. The CL bit must be a self-clearing bit.
Register Name
BCUIRQ
Address
0x07
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R
R
R
R/W
R/W
R/W
reserved
VCRIT
VWARNB
VWARNB
VWARNB
0
1
No interrupt pending
Interrupt pending
VWARNA
0
1
No interrupt pending
Interrupt pending
VCRIT
0
1
No interrupt pending
Interrupt pending
Register Name
MBCUIRQ
Address
0x14
Page 1
Read/Write
Reset Value 0x07
MSB
LSB
R
R
R
R
R
R/W
R/W
R/W
reserved
MVCRIT
MVWARNB
MVWARNB
MVWARNB
0
1
Interrupt not masked
Interrupt masked
MVWARNA
0
1
Interrupt not masked
Interrupt masked
MVCRIT
0
1
Interrupt not masked
Interrupt masked
Prog.
Trip
Point
VSYS
VWARNA setting
Prog.
Debounce
VWARNA_FLAG
VSYS
VWARNB setting
UNDER_VWARNA
VSYS
VCRIT setting
Prog.
Debounce
VWARNB_FLAG
UNDER_VWARNB
Prog.
Debounce
VCRIT_FLAG
UNDER_VCRIT
Prog.
Trip
Point
Prog.
Trip
Point
VWARNA[2:0]
VWARNA_DB[3:0]
VWARNB[2:0]
VWARNB_DB[3:0]
VCRIT[2:0]
VCRIT_DB[2:0]
VWARNA_EN
VWARNB_EN
Master VWARNB
Circuit Enable
Master VWARNA
Circuit Enable
Master VCRIT
Circuit Enable
VCRIT_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com