Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 160Page - Renesas Technology Corp DA6021 Datasheet HTML 161Page - Renesas Technology Corp DA6021 Datasheet HTML 162Page - Renesas Technology Corp DA6021 Datasheet HTML 163Page - Renesas Technology Corp DA6021 Datasheet HTML 164Page - Renesas Technology Corp DA6021 Datasheet HTML 165Page - Renesas Technology Corp DA6021 Datasheet HTML 166Page - Renesas Technology Corp DA6021 Datasheet HTML 167Page - Renesas Technology Corp DA6021 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
164 of 224
www.dialog-semiconductor.com
16.3.2.1
VSYS Waveform Example
Below is an explanation of the BCU VSYS trip points and how the voltage may behave under a given situation.
A table describes a select subset of the numbered events to describe expected BCU behavior.
Figure 68: VSYS Trip Points Flag Logic
#
System Event
BCU Response
SOC Response
Interrupts
Hardware Actions
1
Large system burst
event begins, dropping
VSYS
N/A
N/A
N/A
2
VSYS goes below
VWARNA BCU
threshold and into
Warning Zone A
After the de-bounce
period for VWARNA,
the BCU interrupts
SOC with BCUIRQ
and VWARNAIRQ
bits...
Assert BCUDISA
and/or PROCHOT_B
(if enabled as such)
Gets interrupt and knows
what hardware actions (if
any) have been done.
Clears BCUIRQ and
VWARNA interrupt bits.
3
VSYS goes back
above VWARNA
threshold due to BCU
response
After the de-bounce
period for VWARNA,
the BCU interrupts
SOC with BCUIRQ
and VWARNAIRQ
bits...
De-assert BCUDISA
and/or PROCHOT_B
(if not sticky)
Gets interrupt and knows
system is out of warning
Zone A. If pin assertion is
sticky, will clear BCUDISA
and/or PROCHOT_B
assertion.
4
A further large system
burst event begins,
dropping VSYS
N/A
N/A
N/A
7
VSYS goes below
VWARNB BCU
threshold and into
Warning Zone B
After the de-bounce
period for VWARNB,
the BCU interrupts
SOC with BCUIRQ
and VWARNBIRQ
bits...
Asserts BCUDISB
and/or PROCHOT_B
(if enabled as such)
Gets interrupt and knows
what hardware actions (if
any) have been done.
Clears BCUIRQ and
VWARNB interrupt bits.
Time
VCRIT
VWARNA
NOTE: Depending on configuration of the BCU, the
PMIC may also take hardware action above and
beyond simply interrupting the SOC
VWARNB
1
2
3
4
5
6
BCU Warning Zone B
BCU Safe Zone
BCU Warning Zone A
BCU Critical Zone
7
8
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com