Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 162Page - Renesas Technology Corp DA6021 Datasheet HTML 163Page - Renesas Technology Corp DA6021 Datasheet HTML 164Page - Renesas Technology Corp DA6021 Datasheet HTML 165Page - Renesas Technology Corp DA6021 Datasheet HTML 166Page - Renesas Technology Corp DA6021 Datasheet HTML 167Page - Renesas Technology Corp DA6021 Datasheet HTML 168Page - Renesas Technology Corp DA6021 Datasheet HTML 169Page - Renesas Technology Corp DA6021 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
166 of 224
www.dialog-semiconductor.com
Register Name
PROCHOT_BEH
Address
0xBA
Page 1
Read/Write
Reset Value
0x00
MSB
LSB
R
R
R
R
R
R/W
R/W
R/W
reserved
PROCHOT_B
_ST
PROCHOT_B
_VWA_EN
PROCHOT_B
_VWB_EN
PROCHOT_B_VWB_EN
0
1
BCU will not enable PROCHOT_B based on VWARNB
Assert PROCHOT_B at VWARNB
PROCHOT_B_VWA_EN
0
1
BCU will not enable PROCHOT_B based on VWARNB
Assert PROCHOT_B at VWARNB
PROCHOT_B_ST
0
1
0 = low status indication
1= high status indication
Temperature Monitoring via ADC
16.3.5
DA6021 has the capability to monitor six miscellaneous temperatures and stores the measurement results in the
corresponding registers
SYSTHERM0:
System temperature 0
SYSTHERM1:
System temperature 1
SYSTHERM2:
System temperature 2
PMICTEMP:
DA6021 on-die temperature
BPTHERM0:
Primary battery temperature
BPTHERM1:
Secondary battery temperature
The external temperatures are sensed using external precision NTC thermistors. PMICTEMP, the internal die
temperature, is sensed using an internal silicon temperature thermometer circuit. All six temperatures are
sampled by the 10-bit GPADC (ADC). Voltages across the thermistors are converted by the ADC channels.
That means a higher temperature at a thermistor will give a lower voltage at the input of ADC channel thus
produces a smaller digital code at the ADC result registers. The SVTM will read always the measurement result
for the system, platform and PMIC temperature and will react according to some programmable thresholds.
The THRMMONCTL0-1 registers are the master control for the timer-based thermal monitoring state machine.
They are defined in the table below.
Register Name
THRMMONCTL0
Address
0x8E
Page 1
Read/Write
Reset Value 0x15
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
reserved
SYSFRQS
BATFRQS
SYSFRQA
BATFRQA
THRMEN
THRMEN
0
1
DA6021 shuts down if die temperature exceeds critical limit
Enables ADC based automatic thermal monitoring timer for system,
battery and DA6021 die
BATFRQA[1:0]
00
01
10
11
Specifies the frequency at which battery temperature measurements
are initiated while system is in S0 mode
Disable
1s
4s
32s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com