Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 158Page - Renesas Technology Corp DA6021 Datasheet HTML 159Page - Renesas Technology Corp DA6021 Datasheet HTML 160Page - Renesas Technology Corp DA6021 Datasheet HTML 161Page - Renesas Technology Corp DA6021 Datasheet HTML 162Page - Renesas Technology Corp DA6021 Datasheet HTML 163Page - Renesas Technology Corp DA6021 Datasheet HTML 164Page - Renesas Technology Corp DA6021 Datasheet HTML 165Page - Renesas Technology Corp DA6021 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
162 of 224
www.dialog-semiconductor.com
Register Name
DISA_BEH
Address
0xB7
Page1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R
R
R
R/W
R/W
R/W
reserved
DISA_
STICKY
DISA_POL
DISA_EN
DISA_EN
0
1
BCU DISA signal disable
BCU DISA function signal enable
DISA_POL
0
1
BCU DISA pin active low
BCU DISA pin active high
DISA_STICKY
0
1
0 = signal assertion not sticky
1= signal assertion is sticky
Register Name
DISB_BEH
Address
0xB8
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R
R
R
R/W
R/W
R/W
reserved
DISB_
STICKY
DISB_POL
DISB_EN
DISB_EN
0
1
BCU DISB signal disable
BCU DISB function signal enable
DISB_POL
0
1
BCU DISB pin active low
BCU DISB pin active high
DISB_STICKY
0
1
0 = signal assertion not sticky
1= signal assertion is sticky
Register Name
DISCRIT_BEH
Address
0xB9
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R
R
R
R/W
R/W
R/W
reserved
DISCRIT_
STICKY
DISCRIT
_POL
DISCRIT
_EN
DISCRIT_EN
0
1
BCU DISCRIT signal disable
BCU DISCRIT function signal enable
DISCRIT_POL
0
1
BCU DISCRIT pin active low
BCU DISCRIT pin active high
DISCRIT_STICKY
0
1
0 = signal assertion not sticky
1= signal assertion is sticky



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com