Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 199Page - Renesas Technology Corp DA6021 Datasheet HTML 200Page - Renesas Technology Corp DA6021 Datasheet HTML 201Page - Renesas Technology Corp DA6021 Datasheet HTML 202Page - Renesas Technology Corp DA6021 Datasheet HTML 203Page - Renesas Technology Corp DA6021 Datasheet HTML 204Page - Renesas Technology Corp DA6021 Datasheet HTML 205Page - Renesas Technology Corp DA6021 Datasheet HTML 206Page - Renesas Technology Corp DA6021 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
203 of 224
www.dialog-semiconductor.com
22. Panel Control
Overview
22.1
The DA6021 provides two pins for display panel control, BACKLIGHT_EN to enable the display backlight circuit
and PANEL_EN to enable the display panel electronics. The buffers driving these pins are slew-rate controlled
push-pull output buffers similar to the GPIOs, each capable of high-voltage (3.3V) operation.
Functional Description
22.2
This registers are directly driving the BACKLIGHT_EN and PANEL_EN pins of DA6021. SoC has complete
control on this.
Register Name
BACKLIGHT_EN
Address
0x51
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R
R
R
R
R
R/W
Reserved
BACKLIGHT_
EN
BACKLIGHT_EN
0
1
Backlight off
Backlight on
Register Name
PANEL_EN
Address
0x52
Page 1
Read/Write
Reset
Value
0x00
MSB
LSB
R
R
R
R
R
R
R
R/W
reserved
PANEL
_EN
PANEL_EN
0
1
Panel off
Panel on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com