Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 200Page - Renesas Technology Corp DA6021 Datasheet HTML 201Page - Renesas Technology Corp DA6021 Datasheet HTML 202Page - Renesas Technology Corp DA6021 Datasheet HTML 203Page - Renesas Technology Corp DA6021 Datasheet HTML 204Page - Renesas Technology Corp DA6021 Datasheet HTML 205Page - Renesas Technology Corp DA6021 Datasheet HTML 206Page - Renesas Technology Corp DA6021 Datasheet HTML 207Page - Renesas Technology Corp DA6021 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
204 of 224
www.dialog-semiconductor.com
23. Debug Ports
There are 2 debug ports foreseen, one for the SVID and another one for the I2C interface
SVID Debug port
23.1
The intent is to disable PMIC SVID buffers connected to the SOC/CPU when in debug mode and redirect
communication to an external bus master using a secondary set of pins. This will enable external control of the
PMIC interface without SOC/CPU bus contention. In addition, the debug channel enables a point to point bus
topology with the external bus master, thereby providing clean signal integrity. The DEBUG_CS signal is used to
disable SOC SVID transmission during debug. This will ensure the SOC does not hang awaiting PMIC SVID
responses.
A diagram, truth table, and brief write up are provided below.
Figure 74: SVID Debug Port Bus Diagram
External Channel 0 (Debug)
External Channel 1 (SOC)
DEBUG_CS
DEBUG_SVID
_CLK
DEBUG_SVID
_DATA
DEBUG_SVID
_ALERT#
SVID_CLK
SVID_DATA
SVID_ALERT#
“H” (VSYS)
CLK
DATA
ALERT#
Disabled
Disabled
Disabled
“L” (0V)
Disabled
Disabled
Disabled
CLK
DATA
ALERT#
Table 112: SVID Debug Port Truth Table
PMIC SVID CONTROL BLOCK
SVID DEBUG PORT
SOC SVID CONTROL
External Channel 0
External Channel 1
Internal Channel
PMIC
PLATFORM
VSYS
DEBUG_CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com