Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 196Page - Renesas Technology Corp DA6021 Datasheet HTML 197Page - Renesas Technology Corp DA6021 Datasheet HTML 198Page - Renesas Technology Corp DA6021 Datasheet HTML 199Page - Renesas Technology Corp DA6021 Datasheet HTML 200Page - Renesas Technology Corp DA6021 Datasheet HTML 201Page - Renesas Technology Corp DA6021 Datasheet HTML 202Page - Renesas Technology Corp DA6021 Datasheet HTML 203Page - Renesas Technology Corp DA6021 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
200 of 224
www.dialog-semiconductor.com
21. Pulse Width Modulation Generation
Overview
21.1
The PWM block is used to generate up to three PWM signals on three dedicated output pins. Mainly they are
used to drive display backlight circuits. All the PWM outputs can be enabled on demand. In addition the
functionality is gates with power sequencer state as for this the high frequency oscillator is needed in order to
provide the 6 MHz clock needed to generate the signal.
Functional Description
21.2
Each of the PWM outputs is able to generate output frequencies from ~23.44 KHz down to ~183Hz in 128 steps.
f= (6MHz/256) / (FREQ+1)
The duty cycle can be selected between 1/256 to 256/256 (always high).
PWM Output Signals
21.3
There are 3 PWM output signals (PWM[2:0]) on DA6021
Name
I/O
Voltage
Level
Pin
Mode
Pin Level
Internal
pu/pd
PWM[2:0]
O
1.8V
CMOS
Low
no
Table 111: PWM Output Signals
PWM Registers
21.4
Register Name
PWM1CFG1
Address
0x4B
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ENA
FREQ
FREQ[6:0]
0
1
..
126
127
f0 = 6MHz/256
f=f0
f=f0/2
…
f=f0/127
f=f0/128
ENA
0
1
PWM1 disable
PWM1 enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com