Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 193Page - Renesas Technology Corp DA6021 Datasheet HTML 194Page - Renesas Technology Corp DA6021 Datasheet HTML 195Page - Renesas Technology Corp DA6021 Datasheet HTML 196Page - Renesas Technology Corp DA6021 Datasheet HTML 197Page - Renesas Technology Corp DA6021 Datasheet HTML 198Page - Renesas Technology Corp DA6021 Datasheet HTML 199Page - Renesas Technology Corp DA6021 Datasheet HTML 200Page - Renesas Technology Corp DA6021 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
197 of 224
www.dialog-semiconductor.com
Force a Cold Off Sequence
20.6
DA6021 triggers a “Cold Off” sequence when the power button is hold for more than in register PBCONFIG
specified time (default is 4sec). In the event of such a “Cold Off” sequence, DA6021 sets the RFCO (Reset due
to Forced Cold Off) in register RESETSRCCRIT and clears the timer PBHT bits in the power button status
register PBSTATUS. The PMIC shuts down the system by turning off all its voltage rails in sequence without
waiting for instructions (e.g. SLP_S*_B signals) from the SOC.
Force Cold Off Flow Diagram
20.7
Figure 73: Power Button Cold Off Flow Diagram
UIBTN_B
20.8
The UIBTN_B pin is an input from a platform-defined functional interface button, such as the Home button. The
GPIO1P0 pin can be programmed with its alternate function for the UI button. It is internally connected to VSYS
via a pull-up resistor (20KOhm±10%). It includes a 30ms de-
bouncer to ensure that spurious transitions aren’t
logged while the switch contacts bounce on initial contact. The output of the de-bouncer enters the edge detect
circuits.
Both edges can trigger a utility button interrupt, which is the GPIOP1P0 bit in the second-level GPIO0IRQ
Register. It is cleared when a 1 is written to this location. The output of the de-bouncer can be read from the
UIBLVL bit of the UIBSTATUS register to determine the current state of the button.
SOC S0
Power Button
Pressed
HT Timer Starts
After
Debouncing
PB Still Held
PMIC Passes the
Power Button Press
Information to SOC via
PWRBTN_B
No
Yes
No
Yes
PMIC Takes SLP_S*_B
Signals from SOC to
Settle on an Appropriate
PMIC Power State
SOC S0IX/
S3/G3
PB Still Held,
PBHT Timer >=
FLCOT
No
Forced Cold Off: PMIC
Turns off all VRs
Sequentially without
Waiting for SLP_S*_B
from SOC
SOC G3
Yes
PMIC Sets RFCO Bit
Power Button
Released
PBHT Timer
Stops
(Maximum
15.5s)
PMIC Clears
PBHT Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com