Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 197Page - Renesas Technology Corp DA6021 Datasheet HTML 198Page - Renesas Technology Corp DA6021 Datasheet HTML 199Page - Renesas Technology Corp DA6021 Datasheet HTML 200Page - Renesas Technology Corp DA6021 Datasheet HTML 201Page - Renesas Technology Corp DA6021 Datasheet HTML 202Page - Renesas Technology Corp DA6021 Datasheet HTML 203Page - Renesas Technology Corp DA6021 Datasheet HTML 204Page - Renesas Technology Corp DA6021 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
201 of 224
www.dialog-semiconductor.com
Register Name
PWM2CFG1
Address
0x4C
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ENA
FREQ
FREQ[6:0]
0
1
..
126
127
f0 = 6MHz/256
f=f0
f=f0/2
…
f=f0/127
f=f0/128
ENA
0
1
PWM1 disable
PWM1 enable
Register Name
PWM3CFG1
Address
0x4D
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ENA
FREQ
FREQ[6:0]
0
1
..
126
127
f0 = 6MHz/256
f=f0
f=f0/2
…
f=f0/127
f=f0/128
ENA
0
1
PWM1 disable
PWM1 enable
Register Name
PWM1CFG0
Address
0x4E
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DUTY
DUTY[7:0]
0
1
..
254
255
High for 1/256 PWM period
High for 2/256 PWM period
…
High for 255/256 PWM period
Always high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com